Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4PK3003 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PK3003
Description  2000 Volt & 3000 Volt PIN Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PK3003 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4PK3003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KILOVOLT™ Series
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2000 Volt & 3000 Volt PIN Diodes
MA4PK200X & MA4PK300X
Rev. 10
Features
Reverse Voltage up to 3000 Volts
25 Ampere Current Rating
Designed for HF, Multi-Throw Kilowatt Switches
Low Loss, Low Distortion
Rugged, Hermetically Sealed Packaging
Convenient Solder Lug Attachment
Non Magnetic to 3 Tesla for MRI Applications
RoHS Compliant
Description
M/A-COM Technology Solutions KILOVOLT™ PIN
diode series utilize modern semiconductor and
packaging technology that assures low loss, low
distortion, and reliable performance in multi-kilowatt
switch applications at frequencies as low as 1 MHz.
The PIN chips employed have low resistance, high
power dissipation and very high stand-off voltage
capability. KILOVOLT™ PIN diodes employ ultra high
resistively, long carrier lifetime, float zone material
onto which P+ and N+ regions are deposited using an
epitaxial process designed by M/A-COM Technology
Solutions for high voltage PIN diodes. This process
results in better preservation of the carrier lifetime and
superior layer to layer interface when compared to a
conventional double diffused process. The processing
of the I-region width is tightly controlled using modern
lapping techniques. KILOVOLT™ PIN diode chips
utilize M/A-COM Technology Solutions proprietary
Cermachip™ glass passivation. The hard glass covers
all exposed junction and intrinsic surfaces. This results
in a hermetically sealed, passivated chip that has been
used in many high reliability military and commercial
programs.
Applications
The KILOVOLT™ PIN diode series is designed for use
as high power switching elements in multi-kilowatt HF
and VHF applications. These PIN diodes have been
extensively characterized for their electrical and
thermal properties to assure predictable, low loss, high
power handling and low distortion performance. Some
typical applications are as follows:
 Filter Switches
 Antenna Couplers
 Power Amplifier By-pass Switches
 MRI Switches
Packaging
The metal-ceramic packages were developed
specifically for the KILOVOLT™ PIN diode series.
The packages are designed to withstand extremely
high voltages and currents. The packages meet the
environmental requirements of MIL-STD-202 and
MIL-STD750. The PIN diode chip is bonded to the
package and the anode strap is bonded to the chip
at temperatures exceeding 300°C. The anode strap
has a unique, large cross-sectional area allowing
for high current carrying capability. The packages
are sealed using a projection welding technique in
an inert environment. KILOVOLT™ PIN diodes are
available with a solder lug on the anode electrode
to allow for a convenient and reliable wrap-around
Package Outlines
2000 Volts 3000 Volts
Package Style
MA4PK2000 MA4PK3000
Pill
MA4PK2001 MA4PK3001
Threaded Stud & Solder Lug
MA4PK2002 MA4PK3002
Threaded Stud Only
MA4PK2003 MA4PK3003
Insulated Threaded Stud & Solder
Lug
MA4PK2004 MA4PK3004
Insulated Threaded Stud Only
Diode Part Numbers & Package Style


Similar Part No. - MA4PK3003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4PK3003 MACOM-MA4PK3003 Datasheet
546Kb / 4P
2000 Volt and 3000 Volt PIN Diodes
MA4PK3003 MACOM-MA4PK3003 Datasheet
280Kb / 8P
2000 Volt and 3000 Volt PIN Diodes
logo
M/A-COM Technology Solu...
MA4PK3003 MA-COM-MA4PK3003 Datasheet
242Kb / 8P
2000 Volt & 3000 Volt PIN Diodes
MA4PK3003 MA-COM-MA4PK3003 Datasheet
841Kb / 9P
2000 Volt & 3000 Volt PIN Diodes
More results

Similar Description - MA4PK3003

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N914 MCC-1N914 Datasheet
86Kb / 3P
500mW 100 Volt Silicon Epitaxial Diodes
logo
Microsemi Corporation
GC1500A MICROSEMI-GC1500A Datasheet
122Kb / 2P
30 VOLT ABRUPT JUNCTION VARACTOR DIODES
logo
Tyco Electronics
MA4PK3000 MACOM-MA4PK3000 Datasheet
546Kb / 4P
2000 Volt and 3000 Volt PIN Diodes
MA4PK2000 MACOM-MA4PK2000_1 Datasheet
280Kb / 8P
2000 Volt and 3000 Volt PIN Diodes
logo
Extech Instruments Corp...
382400 EXTECH-382400 Datasheet
220Kb / 9P
Flexible AC Clamp Meter 3000 Amp / 600 Volt
logo
M/A-COM Technology Solu...
MA4P7470F-1072T MA-COM-MA4P7470F-1072T Datasheet
84Kb / 7P
2000 Volt & 3000 Volt PIN Diodes MA4PK2000, MA4PK3000
MA4PK2000 MA-COM-MA4PK2000 Datasheet
242Kb / 8P
2000 Volt & 3000 Volt PIN Diodes
logo
Tyco Electronics
MA4PK2000-3000 MACOM-MA4PK2000-3000 Datasheet
257Kb / 8P
2000 Volt & 3000 Volt PIN Diodes MA4PK200X & MA4PK300X
logo
M/A-COM Technology Solu...
MA4PK200X MA-COM-MA4PK200X Datasheet
841Kb / 9P
2000 Volt & 3000 Volt PIN Diodes
logo
American Microsemicondu...
1N270 AMMSEMI-1N270 Datasheet
197Kb / 1P
GERMANIUM DIODES 100 VOLT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com