Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULD0611G-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULD0611G-SH2-R
Description  CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULD0611G-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULD0611G-SH2-R Datasheet HTML 1Page - Unisonic Technologies ULD0611G-SH2-R Datasheet HTML 2Page - Unisonic Technologies ULD0611G-SH2-R Datasheet HTML 3Page - Unisonic Technologies ULD0611G-SH2-R Datasheet HTML 4Page - Unisonic Technologies ULD0611G-SH2-R Datasheet HTML 5Page - Unisonic Technologies ULD0611G-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ULD0611
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R125-045.b
ABSOLUTE MAXIMUM RATING (Ambient temperature is 27°C if there is no special instruction)
PARAMETER
SYMBOL
RATINGS
UNIT
ESD Voltage Withstand
VESD
> 2000
V
Operating Temperature
TOPR
-20 ~ +125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ambient temperature is 27°C if there is no special instruction)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT1 Input Voltage
VOUT1
6.5
V
Output Current
IOUT
10
60
mA
REXT Port Voltage
VREXT
VOUT1=VOUT4=10V
0.9
V
OUT1/ OUT2 Port Withstand Voltage
VDS_BV1
IOUT1=IOUT2=0
200
V
OUT3/ OUT4 Port Withstand Voltage
VDS_BV2-4
IOUT3=IOUT4=0
150
V
IOUT Accuracy
dIOUT
IOUT=10~50mA
±5
%
Over-Temperature Protection Point (Note 1)
TSC
110
°C
Note: When the junction temperature is over 110°C, the output current of ULD0611 will be reduced.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com