Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULD0611G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULD0611G-SH2-R
Description  CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULD0611G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULD0611G-SH2-R Datasheet HTML 1Page - Unisonic Technologies ULD0611G-SH2-R Datasheet HTML 2Page - Unisonic Technologies ULD0611G-SH2-R Datasheet HTML 3Page - Unisonic Technologies ULD0611G-SH2-R Datasheet HTML 4Page - Unisonic Technologies ULD0611G-SH2-R Datasheet HTML 5Page - Unisonic Technologies ULD0611G-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULD0611
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R125-045.b
HIGH POWER FACTOR LINEAR
CONSTANT CURRENT LED
DRIVER
DESCRIPTION
UTC ULD0611 is a high power factor linear constant current
LED driver which is applied to LED lighting. Through the distinctive
constant current control technology, it realizes that constant current
accuracy is less than ±5% and output current is adjustable through
external resistor. High power factor and low harmonic distortion are
the particular features.
The system is simple without transformer and electrolysis
capacitor. Therefore, LED lighting batch job can be realized.
FEATURES
* No transformer and high voltage electrolysis capacitor
* Integrated high voltage startup power supply circuit
* Adjustable output current, max 60mA
* Inter-chip current deviation < ±5%
* Efficiency: >90%
* Power factor: >0.95
* THD<20%
* Over temperature protection
* Application system no EMI problems
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
ULD0611G-SH2-R
HSOP-8
Tape Reel
ULD0611G-SH2-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - ULD0611G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULD0691G-SH2-R UTC-ULD0691G-SH2-R Datasheet
155Kb / 5P
CMOS IC
More results

Similar Description - ULD0611G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com