Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTLP250HTL Datasheet(PDF) 7 Page - COSMO Electronics Corporation

Part # KTLP250HTL
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP250HTL Datasheet(HTML) 7 Page - COSMO Electronics Corporation

Back Button KTLP250HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 9Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 10Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 11Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69P51007.2
- 7 -
http://www.cosmo-ic.com
cosmo
KTLP250 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
6.
tpLH, tpHL, tr, tf,Measure
100Ω
IF
104PF
Rg
VO
VEE1
VCC1
cg

VO
IF
 
VOH 80%
VOL 80%
GND
7.
CMH, CML,Measure
VO
VCC
VCM
SW
A
B
104PF
SW:B(IF=0)
SW:A(IF=8mA)
90%

10%
VCM

3V
26V
CML
CMH
600V
;
480(V)
tr (μs)
CML=
480(V)
tf (μs)
CMH=
*CML(CMH) is the maximum rate of rise (fall) of the common mode voltage that can be sustained with the output
voltage in the low (high) state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com