Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTLP250HTL Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KTLP250HTL
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP250HTL Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KTLP250HTL Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP250HTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69P51007.2
- 4 -
http://www.cosmo-ic.com
cosmo
KTLP250 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
“L” level
IOPL
2
IF=0
Va=2.5V
0.5
2
—
Output voltage
“H” level
VOH
4
VCC1=15V,VEE1=-15V
RL=200Ω,IF=5mA
11
12.8
—
V
“L” level
VOL
5
VCC1=15V,VEE1=-15V
RL=200Ω,VF=0.8V
—
-14.2
-12.5
Supply current
“H” level
ICCH
—
VCC=30V,IF=10mA,
Ta=25℃
—
7
—
mA
VCC=30V,IF=10mA
—
—
11
“L” level
ICCL
—
VCC=30V,IF=0mA,
Ta=25℃
—
7.5
—
VCC=30V,IF=0mA
—
—
11
Threshold input
current
“Output
L→H”
IFLH
—
VCC1=15V,VEE1=-15V,
RL=200Ω,VO>0V
—
1.2
5
mA
Threshold input
voltage
“Output
H→L”
VFHL
—
VCC1=15V,VEE1=-15V,
RL=200Ω,VO<0V
0.8
—
—
V
Supply voltage
VCC
—
10
—
35
V
Capacitance
(input-output)
CS
—
Vs=0,f=1MHz,Ta=25℃
—
1.0
2.0
pF
Resistance (input-output )
RS
—
Vs=500V,Ta=25
,
℃
≦
R.H.
60%
1*10
12
10
14
—
Ω
*All typical values are at Ta=25
(*A):Durat
℃
ion of IO
≦
time
50μs
Switching Characteristics
(Ta = 25℃)
Parameter
Symbol Test Circuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation
delay time
“L→H”
tpLH
6
IF=8mA (Note8)
VCC1=+15V,VEE1=-15V
Rg=20Ω,Cg=10nF
—
0.15
0.5
μs
“H→L”
tpHL
—
0.15
0.5
Output rise time
tr
—
—
—
Output fall time
tf
—
—
—
Common mode transient
immunity at high level
output
CMH
7
VCM=600V,IF=8mA
VCC=30V,Ta=25℃
-5
—
—
KV / μs
Common mode transient
immunity at low level
output
CML
7
VCM=600V,IF=0
VCC=30V,Ta=25℃
5
—
—
KV / μs
*All typical values are at Ta=25 .
℃
*Note 8: Input signal rise time (fall time) < 0.5μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com