Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABFT Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABFT
Description  Frequency Translator / Jitter Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABFT Datasheet(HTML) 1 Page - Abracon Corporation

  ABFT Datasheet HTML 1Page - Abracon Corporation ABFT Datasheet HTML 2Page - Abracon Corporation ABFT Datasheet HTML 3Page - Abracon Corporation ABFT Datasheet HTML 4Page - Abracon Corporation ABFT Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABFT
||||||||||| | | | |
STANDARD SPECIFICATIONS:
FEATURES:
APPLICATIONS:
Pb RoHS
Compliant
30332
a
i
n
r
o
fi
l
a
C
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
n
a
r
e
p
s
E
92688
tel 949-546-8000
| fax 949-546-8001
b
a
.
w
w
w
|
r
m
o
c
.
n
o
c
a
Revised: 03.01.12
Visit
www.abracon.com for Terms & Conditions of Sale
• 5x7x2 mm SMT, RoHS Compliant reflow-able package
• Frequency translation to either 20MHz or 40MHz carrier @ +3.3V Supply Voltage
• Industrial operating temperature range (-40ºC to +85ºC)
• LVCMOS Output
• Internal absolute pull range > ±100 ppm allowing for long term drift correction
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Frequency Translator / Jitter Attenuator
• Frequency translation, clock smoothing and jitter attenuation of the input
10MHz reference
• Datacom - DSLAM, DSLAR, Access Nodes
• Cable modem head end
• Base Station - GSM, CDMA
• Telecom - SONET/SDH/ATM
GENERAL DESCRIPTION
The ABFT series is an Ultra Low Jitter VCXO based frequency translator; ideally suited to improve Jitter characteristics of the input signal. This device is
designed to provide input clock smoothing - while providing Phase and Frequency Locked higher frequency translated output.
Typical application will take a 10MHz reference frequency and phase & frequency lock it to either a 20MHz or a 40MHz Low Jitter VCXO. The implemented
technology significantly attenuates the jitter content of the 10MHz reference signal; while keeping the higher frequency RF Output - Frequency and Phase
Coherent with the input 10MHz reference signal.
Parameters
Minimum
Typical
Maximum
Units
Notes
Resonant Frequency
20.000
Or
40.00
MHz
See options
Operating Temperature
-40
+85
°C
Storage Temperature
-40
+85
°C
Supply Voltage (Vdd)
3.135
3.3
3.465
V
3.3V±5%
Input Signal Characteristics
Frequency
Signal level
9.999800
0.300
10.000000
10.000200
3.3
MHz
Vp-p
Input signal must be
with-in ±20.00 ppm
from 10.00MHz
carrier for the ABFT
device to achieve lock
Lock Time
< 20
50
ms
Frequency Stability Over Temperature
(Note # 1)
-25.00
+25.00
ppb
Referenced to the
stable input reference
of 10.00MHz (such as
a Stratum-III TCXO
or an OCXO)
Internal Frequency Pull Range
±100.00
ppm
This is the internal
pull range of the
ABFT device
providing sufficient
correction range to
account for internal
aging, stand-alone
temperature variation,
etc.
Supply Current (IDD)
< 14.0
20.00
mA
Under Lock
RF output Characteristics
Output Load:
Rise Time (Tr)
Fall Time (Tf)
Symmetry
Output Voltage ( VOH)
Output Voltage ( VOL)
45
0.9*Vdd
853
526
48/52
15||10
1200
1200
55
0.1*Vdd
pF||kΩ
ps
ps
%
V
V
@1/2Vdd
Stand alone Aging (Note # 2)
-5.0
+5.0
ppm
@+25°C First year
-12.0
+12.0
@+25°C After 10
years
(Note # 1):The frequency stability over temperature of the ABFT device is greatly dependant on the short term perturbations of the input reference signal.
(Note # 2):The Aging characteristics of the Quartz used inside the ABFT solution are such that, the stand-alone aging will not exceed ±12.00 ppm over a
10-year product life; referenced to the initial measured frequency post reflow in end application
5.00 x 7.00 x 2.0mm
Moisture Sensitivity Level (MSL)–This product is not Moisture Sensitive MSL = N/A: Not Applicable


Similar Part No. - ABFT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABFT-20.000MHZ-EVAL ABRACON-ABFT-20.000MHZ-EVAL Datasheet
7Mb / 4P
Frequency Translator-Evaluation Board
03.07.12
logo
Schneider Electric
ABFT20E050 SCHNEIDER-ABFT20E050 Datasheet
104Kb / 2P
discrete I/O connecting cable - 0.5 m - for modular base controller
May 2, 2022
ABFT20E100 SCHNEIDER-ABFT20E100 Datasheet
104Kb / 2P
discrete I/O connecting cable - 1 m - for modular base controller
May 2, 2022
ABFT20E200 SCHNEIDER-ABFT20E200 Datasheet
104Kb / 2P
discrete I/O connecting cable - 2 m - for modular base controller
May 2, 2022
ABFTE20SP100 SCHNEIDER-ABFTE20SP100 Datasheet
9Mb / 58P
Systeme de precablage Telefast
Avril 2019 - V3.4
More results

Similar Description - ABFT

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
Low Jitter Frequency Translator
FX-424 VECTRON-FX-424_06 Datasheet
148Kb / 9P
Low Jitter Frequency Translator
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
Low Jitter Frequency Translator
FX-424 VECTRON-FX-424_08 Datasheet
499Kb / 8P
Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
Low Jitter Frequency Translator
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
Low Jitter VCSO Frequency Translator Jitter Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com