Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABFT Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABFT
Description  Frequency Translator / Jitter Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABFT Datasheet(HTML) 2 Page - Abracon Corporation

  ABFT Datasheet HTML 1Page - Abracon Corporation ABFT Datasheet HTML 2Page - Abracon Corporation ABFT Datasheet HTML 3Page - Abracon Corporation ABFT Datasheet HTML 4Page - Abracon Corporation ABFT Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABFT
||||||||||| | | | |
30332
a
i
n
r
o
fi
l
a
C
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
n
a
r
e
p
s
E
92688
tel 949-546-8000
| fax 949-546-8001
b
a
.
w
w
w
|
r
m
o
c
.
n
o
c
a
Revised: 03.01.12
Visit
www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Frequency Translator / Jitter Attenuator
5.00 x 7.00 x 2.0mm
Parameters
Minimum
Typical
Maximum
Units
Notes
Phase Noise @ 20MHz carrier
1Hz offset from the carrier
10Hz offset from the carrier
100Hz offset from the carrier
1,000Hz offset from the carrier
10,000Hz offset from the carrier
100,000Hz offset from the carrier
1,000,000Hz offset from the carrier
5,000,000Hz offset from the carrier
-56
-87
-113
-135
-151
-155
-156
-157
-130
-145
-150
-150
-155
dBc/Hz
Close to the carrier
phase noise is
dependent on the
cleanliness of the
input reference.
However, at 1kHz
offset and beyond,
ABFT phase noise is
practically
independent of the
input reference noise
PHASE NOISE
Phase Noise under lock (ABFT-20.00MHz with input connected to a
low noise,stable 10.00MHz Stratum-IIIreference signal)
Stratum-III 10.00MHz low Noise Reference
ABFT-20.00MHz Phase Noise under Lock
DetailedComparative Phase Noise Plot
(Stratum-III 10.0MHz as Reference)
Pb RoHS
Compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com