Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4866 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4866
Description  2.2W Stereo Audio Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4866 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4866 Datasheet HTML 1Page - National Semiconductor (TI) LM4866 Datasheet HTML 2Page - National Semiconductor (TI) LM4866 Datasheet HTML 3Page - National Semiconductor (TI) LM4866 Datasheet HTML 4Page - National Semiconductor (TI) LM4866 Datasheet HTML 5Page - National Semiconductor (TI) LM4866 Datasheet HTML 6Page - National Semiconductor (TI) LM4866 Datasheet HTML 7Page - National Semiconductor (TI) LM4866 Datasheet HTML 8Page - National Semiconductor (TI) LM4866 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4866
2.2W Stereo Audio Amplifier
General Description
The LM4866 is a bridge-connected (BTL) stereo audio
power amplifier which, when connected to a 5V supply,
delivers 2.2W to a 4
Ω load (Note 1) or 2.5W to a 3Ω load
(Note 2) with less than 1.0% THD+N.
With the LM4866 packaged in the LLP, the customer benefits
include low thermal impedance, low profile, and small size.
This package minimizes PCB area and maximizes output
power.
The LM4866 features an externally controlled, low-power
consumption shutdown mode, and thermal shutdown protec-
tion. It also utilizes circuitry to reduce “clicks and pops”
during device turn-on.
Boomer audio power amplifiers are designed specifically to
use few external components and provide high quality output
power in a surface mount package.
Note 1: An LM4866MTE or LM4866LQ that has been properly mounted to
a circuit board will deliver 2.2W into 4
Ω. The other package options for the
LM4866 will deliver 1.1W into 8
Ω. See the Application Information sections
for further information concerning the LM4866MTE and LM4866LQ.
Note 2: An LM4866MTE or LM4866LQ that has been properly mounted to a
circuit board will deliver 2.5W into 3
Ω.
Key Specifications
n
P
O at 1% THD+N
n
LM4866LQ, 3
Ω,4Ω loads
2.5W(typ), 2.2W(typ)
n
LM4866MTE, 3
Ω,4Ω loads
2.5W(typ), 2.2W(typ)
n
LM4866MTE, 8
Ω load
1.1W(typ)
n
LM4866MT, 8
Ω load
1.1W(typ)
n
Shutdown current
0.7µA(typ)
n
Supply voltage range
2.0V to 5.5V
Features
n
Stereo BTL amplifier mode
n
“Click and pop” suppression circuitry
n
Unity-gain stable
n
Thermal shutdown protection circuitry
n
TSSOP and Exposed-DAP LLP packages
Applications
n
Multimedia monitors
n
Portable and desktop computers
n
Portable televisions
Typical Application
20018601
Note: Pin out shown for LLP package. Refer to the Connection Diagrams for the pinout of the TSSOP package.
Boomer® is a registered trademark of National Semiconductor Corporation.
October 2002
© 2002 National Semiconductor Corporation
DS200186
www.national.com


Similar Part No. - LM4866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
2.2W Stereo Audio Amplifier
LM4866 TI2-LM4866 Datasheet
1Mb / 32P
LM4866 2.2W Stereo Audio Amplifier
REVISED MARCH 2013
LM4866MTE/NOPB TI1-LM4866MTE/NOPB Datasheet
1Mb / 29P
2.2W Stereo Audio Amplifier
LM4866MTE/NOPB TI2-LM4866MTE/NOPB Datasheet
1Mb / 32P
LM4866 2.2W Stereo Audio Amplifier
REVISED MARCH 2013
LM4866MTE/NOPB.A TI2-LM4866MTE/NOPB.A Datasheet
1Mb / 32P
LM4866 2.2W Stereo Audio Amplifier
REVISED MARCH 2013
More results

Similar Description - LM4866

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
2.2W Stereo Audio Amplifier
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863_09 Datasheet
286Kb / 17P
Stereo 2.2W Audio Power Amplifier
logo
Unisonic Technologies
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
2.2W Stereo Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM4863 HMSEMI-HM4863 Datasheet
1Mb / 21P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com