Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTLA12 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # CSTLA12
Description  Technical Data of Ceramic Resonator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTLA12 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

  CSTLA12 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
5
Frequency Correlation Data
Sample
M38503M4A-XXXFP
CD4069UBE
No.
Fosc [kHz]
Fosc [kHz]
Shift [%]
1
12073.593
12034.126
0.3280
2
12047.810
12009.307
0.3206
3
12061.781
12023.235
0.3206
4
12009.177
11970.832
0.3203
5
12072.449
12033.253
0.3257
_
X
12052.962
12014.151
0.3230
muRata Standard Circuit
Vdd = 12.0 [V]
CERALOCK
® : CSTLA12M0T55-B0
C1 = 30 [pF]
C2 = 30 [pF]
Rf = 1 [Mohm]
1
2
3
4
7
Rf
C2
C1
Fout
14
CERALOCK®
Murata Manufacturing Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com