Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTLA12 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # CSTLA12
Description  Technical Data of Ceramic Resonator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTLA12 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  CSTLA12 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTLA12 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical Data of Ceramic Resonator
(*)
New Part No.
: CSTLA12M0T55-B0
Previous Part No.
: CST12.0MTW
Applied to M38503M4A-XXXFP
Note: Suffix indicates packaging style.
·Lead type
-A0 : Flat pack package(Ho=18mm)
-B0 : Bulk
·SMD type
-R0 : Plastic tape package(
∅=180mm)
-B0 : Bulk
(*) Murata changed part number in June of 2001.
The new part number is shown on this sheet with previous part number.
TOYAMA MURATA MANUFACTURING CO., LTD.
Product Engineering Service Section I
Planning Department
Piezoelectric Components Group
Approved by
Checked by
Checked by
Issued by
Issued Date
Data No.
K.Terada
K.Maruno
K.Masaki
K.Tagata
Dec 20, 2001
TCD-01-2192
Murata Manufacturing Co., Ltd.


Similar Part No. - CSTLA12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS10M0G53-A0 MURATA-CSTLS10M0G53-A0 Datasheet
192Kb / 3P
cost-effective and reliable availability
logo
Murata Manufacturing Co...
CSTLS10M0G53-A0 MURATA1-CSTLS10M0G53-A0 Datasheet
341Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
March 28, 2017
CSTLS10M0G53-A0 MURATA1-CSTLS10M0G53-A0_V01 Datasheet
341Kb / 2P
Ceramic Resonators/Crystal Units/MEMS Resonators
March 28, 2017
logo
Murata Manufacturing Co...
CSTLS10M0G53-B0 MURATA-CSTLS10M0G53-B0 Datasheet
722Kb / 32P
Ceramic Resonator
CSTLS10M0G53-B0 MURATA-CSTLS10M0G53-B0 Datasheet
728Kb / 32P
Ceramic Resonator
More results

Similar Description - CSTLA12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSB800 MURATA-CSB800 Datasheet
439Kb / 11P
Technical Data of Ceramic Resonator
CST8 MURATA-CST8 Datasheet
457Kb / 10P
Technical Data of Ceramic Resonator
logo
List of Unclassifed Man...
CSBLA1M ETC-CSBLA1M Datasheet
71Kb / 12P
Technical Data of Ceramic Resonator
CSTS8 ETC-CSTS8 Datasheet
216Kb / 8P
Technical Data of Ceramic Resonator
logo
Murata Manufacturing Co...
CSTCC10M0G53-R0 MURATA-CSTCC10M0G53-R0 Datasheet
503Kb / 13P
Specification of Piezoelectric Ceramic Resonator
CSTNE8M00G52A000R0 MURATA-CSTNE8M00G52A000R0 Datasheet
1,001Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE10M0GH5L000R0 MURATA-CSTNE10M0GH5L000R0 Datasheet
602Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G520000R0 MURATA-CSTNE12M0G520000R0 Datasheet
903Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5C000R0 MURATA-CSTNE12M0GH5C000R0 Datasheet
659Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53Z000R0 MURATA-CSTNE20M0V53Z000R0 Datasheet
595Kb / 16P
Specification of Piezoelectric Ceramic Resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com