Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH155BA Datasheet(PDF) 21 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 17Page - Sharp Corporation LH155BA Datasheet HTML 18Page - Sharp Corporation LH155BA Datasheet HTML 19Page - Sharp Corporation LH155BA Datasheet HTML 20Page - Sharp Corporation LH155BA Datasheet HTML 21Page - Sharp Corporation LH155BA Datasheet HTML 22Page - Sharp Corporation LH155BA Datasheet HTML 23Page - Sharp Corporation LH155BA Datasheet HTML 24Page - Sharp Corporation LH155BA Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
21
LH155BA
2.15. LCD Drive Circuit
This drive circuit generates 4 levels of LCD drive
voltage. The circuit has 128 segment outputs and
64 common outputs and outputs combined display
data and M signal. A common drive circuit that has
a shift register sequentially outputs common scan
signals.
2.16. Oscillation Circuit
The frequency of this CR oscillator is controlled by
the feedback resistor RF.
The output from this oscillator is used as the timing
signal source of the display and the boosting clock
to the booster circuit. This is valid only in the
master operation mode.
During the slave operation mode, maintain OSCI
pin at VSS and OSCO pin open (NC).
When in the master operation mode and if external
clock is used, maintain OSCI pin at VSS and OSCO
pin open (NC), and feed the clock to CK pin. The
duty cycle of the external clock must be 50%.
The CKS pin selects either internal oscillation circuit
or external clock.
2.17. Power Supply Circuit
This circuit supplies voltages necessary to drive an
LCD panel. This circuit is valid only in the master
operation mode. The circuit consists of booster
circuit and voltage converter.
Boosted voltage from the booster circuit is fed to the
voltage converter which converts this high input
voltage into V0, V1, V2, V3 and V4 which are used
for graphic display. This internal power supply
should not be used to drive a large LCD panel
containing many pixels or a large LCD panel that
has large capacity consisting of more than one chip.
Otherwise, display quality will degrade considerably.
Instead, use an external power supply.
This internal power supply is controlled by the
power supply circuit ON/OFF command (PON).
When the internal power supply is turned off, the
booster circuit and voltage converter are also
turned off.
When using the external power supply, turn off the
internal power supply, disconnect pins CAP+,
CAP–, VEE2, VEE3, VOUT, VEE, VR1 and VR2, and
keep PMODE pin at VSS. Then, feed external LCD
drive voltages to pins V0, V1, V2, V3, and V4.
This circuit can be changed by the state of PMODE
pin.
NOTES :
1. Because the booster circuit and voltage converter are
not functioning, disconnect pins CAP+, CAP–, VEE2,
VEE3, VOUT, VEE, VR1 and VR2.
Apply external LCD drive voltages to corresponding pins.
2. Because the booster circuit is not functioning, disconnect
pins CAP+, CAP–, VEE2, VEE3 and VEE. Derive the
voltage source to be supplied to the voltage converter
from VOUT pin and then output LCD drive voltage to VR1
and VR2 pins. The voltage level at VR1 and VR2 pins
must be VR2 ≤ VR1 ≤ VOUT.
CKS
MASTER MODE
OSC
External
Clock (CK)
OSC
External
Clock (CK)
L
Enabled
Disabled
Disabled
Disabled
H
Disabled
Enabled
Disabled
Disabled
SLAVE MODE
PON PMODE
BOOSTER
CIRCUIT
VOLTAGE
CONVERTER
EXTERNAL
VOLTAGE INPUT
NOTE
0
0
Disabled Disabled V0, V1, V2, V3, V4
1
0
1
Disabled Disabled V0, V1, V2, V3, V4
1
1
0
Enabled
Enabled
–
1
1
Disabled
Enabled
VOUT, VR1, VR2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com