Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH155BA Datasheet(PDF) 41 Page - Sharp Corporation

Part # LH155BA
Description  128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH155BA Datasheet(HTML) 41 Page - Sharp Corporation

Back Button LH155BA Datasheet HTML 37Page - Sharp Corporation LH155BA Datasheet HTML 38Page - Sharp Corporation LH155BA Datasheet HTML 39Page - Sharp Corporation LH155BA Datasheet HTML 40Page - Sharp Corporation LH155BA Datasheet HTML 41Page - Sharp Corporation LH155BA Datasheet HTML 42Page - Sharp Corporation LH155BA Datasheet HTML 43Page - Sharp Corporation LH155BA Datasheet HTML 44Page - Sharp Corporation LH155BA Datasheet HTML 45Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
41
LH155BA
7. ELECTRICAL CHARACTERISTICS
7.1. DC Characteristics
(Unless otherwise specified, VSS = 0 V, VDD = +1.8 to +5.5 V, TOPR = –30 to +85 °C)
PARAMETER
SYMBOL
CONDITIONS
APPLICABLE PINS
MIN.
TYP.
MAX. UNIT NOTE
Input "Low" voltage
VIL
D7-D0, CSB, RS, M/S, M86, RDB,
WRB, CK, CKS, OSCI, LP, FLM,
M, SDA, SCL, P/S, RESB, EXA,
PMODE
0
0.2VDD
V
Input "High" voltage
VIH
0.8VDD
VDD
V
Output "Low" voltage
VOL
IOL = 0.4 mA
D7-D0, LP, FLM, M
0.4
V
Output "High" voltage
VOH
IOH = –0.4 mA
VDD – 0.4
V
Input leakage current
ILI
VI = VSS or VDD
CSB, RS, M/S, M86, RDB, WRB,
CK, CKS, OSCI, SDA, SCL, P/S,
RESB, EXA, PMODE
–10
10
µA
Output leakage current
ILO
VI = VSS or VDD
D7-D0, LP, FLM, M
–10
10
µA
1
LCD drive output ON
resistance
RON
|∆VON|
= 0.5 V
V0 = 10 V SEG0-SEG127,
COM0-COM63
4
k$
2
V0 = 6 V
Standby current
ISTB
CK = 0 V
CSB = VDD
VDD
20
µA
3
Supply current (1)
IDD1
During
sleep
mode
VDD
20
µA
4
Reset ("L") pulse width
tRW
RESB
10
µs
NOTES :
1. Applied when D7 to D0, LP, FLM, and M are in the high
impedance state.
2. Resistance when 0.5 V is applied between each output
pin and each power supply (V0, V1, V2, V3, V4). Applied
when power is supplied at power bias ratio of 1/9 in the
external power supply mode.
3. Current at the VDD pin when the master clock stops, the
chip is not selected (CSB = VDD), and no load is used.
All circuits stop.
4. Sleep mode supply current.
Stop internal oscillation clock, using external EXA signal.
Without using booster circuits. Graphic and segment
displays OFF. Icon display ON. No load.
5. Applied when no access is made by the MPU when the
internal oscillation circuit (RF = 680 k$) and power
supply circuit (PMODE = "L") are used. The electronic
volume is preset (the code is "1 1 1 1"). The display is
OFF and the LCD drive pin is not loaded.
Measuring conditions : VDD = VEE, VR1 = VR2, C1 = C2 =
1 µF, R1 + R2 + R3 = 4 M$.
6. Active mode supply current.
Using internal oscillation clock.
Writing at fCYC the graphic display data which are
reversed every one bit. No load.
7. Oscillation frequency when connecting a feedback
resistor (RF) of 680 k$ between OSCI and OSCO.
6
VDD = 5 V
VDD = 3 V
VDD = 2 V
10
5
VDD = 5 V
VDD = 3 V
VDD = 2 V
10
5
80
120
VDD = 2 V
VDD = 3 V
VDD = 5 V
5
µA
240
VDD, VEE
During
hold
mode
IDD2
Supply current (2)
Supply current (3)
IDD3
During
active mode
fCYC = 100 kHz
VDD
1 200
µA
6
VDD = 5 V
VDD = 3 V
VDD = 2 V
400
200
24
28
VDD = 2 V
VDD = 3 V
VDD = 5 V
7
kHz
30
OSCO
RF =
680 k$±2%
fOSC
Oscillation frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com