Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF8095 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF8095
Description  SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8095 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF8095 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8095 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power Level
P
10
dBm
DC Voltage
VDC
10
V
Storage Temperature Range
Tstg
-45 to +125
°C
Operable Temperature Range
TA
-45 to +125
°C
5-2. Electronic Characteristics
Reference Temperature: TA = -45℃ to +120℃
Terminating Source Impedance: ZS = 50Ω and matching network
Terminating Source Impedance: ZL = 50Ω and matching network
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency @25°C
fC
868.300
MHz
Insertion Loss
868.00 … 868.60MHz
IL
--
3.3
4.5
dB
3dB Bandwidth
BW3
1800
kHz
Attenuation:
(relative to ILmin)
10.0 … 700.0 MHz
700.0 … 830.0 MHz
830.0 … 850.0 MHz
850.0 … 863.9 MHz
871.9 … 876.9 MHz
876.9 … 881.9 MHz
881.9 … 900.0 MHz
900.0 … 1000.0 MHz
αrel
50
38
32
22
16
24
28
40
55
43
38
27
20
28
35
45
dB
Temperature
Frequency Temperature Coefficient
FTC
0.032
ppm/℃
2
Frequency Aging
Absolute Value during the First Year
|fA|
10
ppm/yr
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR≤1.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com