Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF8095 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF8095
Description  SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8095 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF8095 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8095 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The ACTF8095,868.3,QCC8B is a low-loss, compact, and economical surface-acoustic-wave (SAW)
filter in a surface-mount ceramic QCC8B case to provide front-end selectivity in 868.300 MHz
receivers.
1. Package Dimension
(QCC8B)
2. Marking
3. Test Circuit
Pin
Configuration
1
Input / Input Ground
2
Input Ground / Input
5
Output / Output Ground
6
Output Ground / Output
3, 7
Ground
4, 8
Case Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
1.00
D
1.50
B
1.27
E
3.80
C
0.60
F
3.80
ACTF
8095
Laser Printing, Top View
4. Typical Frequency Response


Similar Part No. - ACTF8095

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF8092 ACT-ACTF8092 Datasheet
439Kb / 7P
Low-loss RF filter
ACTF8092-F864W-DCC6C ACT-ACTF8092-F864W-DCC6C Datasheet
439Kb / 7P
Low-loss RF filter
More results

Similar Description - ACTF8095

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com