Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1482S/R Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1482S/R
Description  1-Wire Level Shifter and Line Driver with Load Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1482S/R Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS1482S/R Datasheet HTML 1Page - Dallas Semiconductor DS1482S/R Datasheet HTML 2Page - Dallas Semiconductor DS1482S/R Datasheet HTML 3Page - Dallas Semiconductor DS1482S/R Datasheet HTML 4Page - Dallas Semiconductor DS1482S/R Datasheet HTML 5Page - Dallas Semiconductor DS1482S/R Datasheet HTML 6Page - Dallas Semiconductor DS1482S/R Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DS1482
7 of 7
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT PIN RXD
Output-Low Voltage
VOL
100µA load
0.4
V
Output-High Voltage
VOH
-100µA load
VCCQ - 0.5V
V
Output Rise Time
(50pF Load)
tR
0.1 x VCCQ to 0.9 x VCCQ
50
ns
Output Fall Time
(50pF Load)
tF
0.9 x VCCQ to 0.1 x VCCQ
50
ns
Delay I/O to RXD
(50pF Load)
tIR
See Figure 6 (Note 2)
100
ns
OUTPUT PIN PCTLZ
Output-Low Voltage
VOL
100µA load
0.4
V
Output-High Voltage
VOH
-100µA load
VCC - 0.5V
V
Output Rise Time
(50pF Load)
tR
0.1 x VCC to 0.9 x VCC
50
ns
Output Fall Time
(50pF Load)
tF
0.9 x VCC to 0.1 x VCC
50
ns
Delay SPU to PCTLZ
(50pF Load)
tSP
See Figure 7 (Note 4)
100
ns
OUTPUT PIN DONE
Output-Low Voltage
VOL
100µA load
0.4
V
Output-High Voltage
VOH
-100µA load
VCCQ - 0.5V
V
Output Rise Time
(50pF Load)
tR
0.1 x VCCQ to 0.9 x VCCQ
50
ns
Output Fall Time
(50pF Load)
tF
0.9 x VCCQ to 0.1 x VCCQ
50
ns
Delay I/O to DONE
(50pF Load)
tCF
START at VCCQ (Note 5)
128
500
µs
Delay START to
DONE (50pF Load)
tSD
See Figure 8
100
ns
Note 1:
The input pins have a weak pulldown.
Note 2:
For OD read- or write-1 time slots, TXD should be pulsed high for 1.28µs. The window for
sampling RXD begins 1.8µs after TXD has turned high and ends 2.05µs after TXD has turned
high. RXD must be sampled inside this window. Correct sampling can be achieved with the
particular recommended microcontroller Hitachi SH7622 if the peripheral module operating
frequency P
F is higher or equal to 22MHz.
Note 3:
Measured either with VCC on the pin and TXD low or with 0V on the pin and TXD high. This
parameter is guaranteed by design, and is not production tested.
Note 4:
The PCTLZ signal is gated by TXD. The PCTLZ output is only low if TXD is low.
Note 5:
Characteristic of the glitch-eating filter on the output of the load-sensing comparator, i.e., an
event where the downstream 1-Wire slave device is sinking high current, ceases sinking the
current for less than this amount of time, and resumes sinking the current does not generate
high level on DONE; DONE goes high this amount of time after the downstream 1-Wire slave
device has ceased sinking high current.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com