Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1482S/R Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1482S/R
Description  1-Wire Level Shifter and Line Driver with Load Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1482S/R Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1482S/R Datasheet HTML 1Page - Dallas Semiconductor DS1482S/R Datasheet HTML 2Page - Dallas Semiconductor DS1482S/R Datasheet HTML 3Page - Dallas Semiconductor DS1482S/R Datasheet HTML 4Page - Dallas Semiconductor DS1482S/R Datasheet HTML 5Page - Dallas Semiconductor DS1482S/R Datasheet HTML 6Page - Dallas Semiconductor DS1482S/R Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
032103
DS1482
1-Wire Level Shifter and Line Driver
with Load Sensor
www.maxim-ic.com
FEATURES
§ Works with All iButtons
® and 1-Wire®
Devices
§ Communicates at Regular and Overdrive 1-
Wire Speed (Host-Dependent)
§ Separate Interface Power Supply to Level
Shift to Non-5V Systems
§ External Strong-Pullup Control Pin can be
Used to Provide Low-On-Resistance-High
Current Power Source
§ Load Sensor to Detect when Strong-Pullup
Power Delivery is no Longer Needed
§ Power Delivery DONE Signal can be
Connected to Host Interrupt
§ Low-Cost 16-Pin SO Surface-Mount Package
§ Operating Temperature Range: -40°C to
+85°C
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCCQ
N.C.
SPU
START
TXD
N.C.
GND
N.C.
VCC
N.C.
PCTLZ
DONE
RXD
N.C.
I/O
N.C.
ORDERING INFORMATION
DS1482S
SO-16
DS1482S/T&R
SO-16, Tape-and-Reel
Contact the factory for versions with different
signal polarities.
DESCRIPTION
The DS1482 is a simple 1-Wire line driver with load sensor and level shifter, designed to function as an
interface between a 3V host system and a 1-Wire system that runs on 5V. Two supplies are provided, a
5V supply for the 1-Wire operations (VCC) and an interface supply (VCCQ). The DS1482 can connect
directly to a synchronous serial port if it supports the appropriate bit rates to generate 1-Wire timing.
Figure 1 shows the DS1482 block diagram. TXD is buffered and controls an N-channel transistor, which
drives the 1-Wire pin I/O low, e.g., to initiate a time slot. The logic level of the I/O pin is returned
through a level-shifting buffer to the RXD pin for the host processor to read. Figure 3 shows the
relationship of these signals in case of a 1-Wire read time slot.
The SPU input generates a control signal (PCTLZ) for an external low-impedance PMOS transistor
(Figure 2) that bypasses the 1-Wire pullup resistor (RPUP) to provide power for 1-Wire devices with a
high-load current. PCTLZ is gated by the inverted TXD signal. This prevents a high through-current in
case TXD and SPU are high at the same time.
The DS1482 contains a high-precision comparator because it is important for the host micro to know
when the high load on the 1-Wire side is no longer active. As shown in Figure 4, the high current load
causes a small drop of the voltage on the I/O pin. The comparator detects when the high current phase
ends, and enables DONE after the deglitching time tCF is over. The START signal allows the host micro
to selectively enable DONE.
iButton and 1-Wire are registered trademarks of Dallas Semiconductor.


Similar Part No. - DS1482S/R

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS148 LUMILEDS-DS148 Datasheet
1Mb / 16P
High power SMD solution
logo
Dallas Semiconductor
DS1481 DALLAS-DS1481 Datasheet
69Kb / 10P
1.Wire Bus Master with Overdrive
logo
Maxim Integrated Produc...
DS1481 MAXIM-DS1481 Datasheet
210Kb / 10P
1-Wire Bus Master with Overdrive
061907
logo
Dallas Semiconductor
DS1481S DALLAS-DS1481S Datasheet
69Kb / 10P
1-Wire Bus Master with Overdrive
DS1486 DALLAS-DS1486 Datasheet
251Kb / 17P
RAMified Watchdog Timekeeper
More results

Similar Description - DS1482S/R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
Level Shifter
logo
Dallas Semiconductor
DS2480 DALLAS-DS2480 Datasheet
185Kb / 26P
Serial 1.Wire Line Driver
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
Serial 1-Wire Line Driver with Load Sensor
logo
Renesas Technology Corp
RD5CYDT08 RENESAS-RD5CYDT08 Datasheet
97Kb / 7P
IGBT Driver / CMOS Logic Level Shifter
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
Serial to 1-Wire Line Driver
5/10
logo
Renesas Technology Corp
RD5CYDT08 RENESAS-RD5CYDT08_15 Datasheet
155Kb / 7P
IGBT Driver / CMOS Logic Level Shifter
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
Serial to 1-Wire Line Driver
2015
logo
Pericom Semiconductor C...
PI4ULS5V201 PERICOM-PI4ULS5V201 Datasheet
534Kb / 11P
1-Bit Bi-directional Level Shifter with Automatic Sensing
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com