Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78030 Datasheet(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Part # 78030
Description  Natural Convection: 1.76 based on 70 C temp rise above ambient
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

78030 Datasheet(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  78030 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 78030 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATASHEET
EXTRUSION PROFILE 78030
USA: 1.855.322.2843
Extrusion Profile 78030
EUROPE: 39.051.764002
www.aavid.com
ASIA: 86.21.6115.2000 x8122
November 2016 A02
Property
Details
Height
2.36 in (59.94 mm)
Width
2.90 in (73.66 mm)
Perimeter
39.75 in
Weight
2.2 lb per foot (3.27 kg per meter)
Material
6063-T5 Aluminum Extrusion Alloy
78030 PRODUCT DETAILS


Similar Part No. - 78030

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
78030 ALPHAWIRE-78030 Datasheet
407Kb / 4P
24 (19/36) AWG Tinned Copper
logo
Wixroyd Group Ltd
78030 WIXROYD-78030 Datasheet
200Kb / 1P
Pull Handles - Oval
logo
REMA Lipprandt GmbH & C...
78030-00 REMA-78030-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
78030-30 REMA-78030-30 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
logo
Wixroyd Group Ltd
78030.W0120-1 WIXROYD-78030.W0120-1 Datasheet
200Kb / 1P
Pull Handles - Oval
More results

Similar Description - 78030

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
60520 AAVID-60520 Datasheet
435Kb / 2P
Natural Convection: 3.11 based on 70 C temp rise above ambient.
November 2016 A02
61565 AAVID-61565 Datasheet
456Kb / 2P
Natural Convection: 40.45 based on 70 C temp rise above ambient.
November 2016 A02
62200 AAVID-62200 Datasheet
455Kb / 2P
Natural Convection: 2.8 based on 70 C temp rise above ambient
November 2016 A02
62285 AAVID-62285 Datasheet
456Kb / 2P
Natural Convection: 1.23 based on 70 C temp rise above ambient
November 2016 A02
62725 AAVID-62725 Datasheet
457Kb / 2P
Natural Convection: 0.72 based on 70 C temp rise above ambient
November 2016 A02
63340 AAVID-63340 Datasheet
453Kb / 2P
Natural Convection: 0.49 based on 70 C temp rise above ambient
November 2016 A02
74765 AAVID-74765 Datasheet
456Kb / 2P
Natural Convection: 1.38 based on 70 C temp rise above ambient
November 2016 A02
78010 AAVID-78010 Datasheet
459Kb / 2P
Natural Convection: 1.89 based on 70 C temp rise above ambient
November 2016 A02
78345 AAVID-78345 Datasheet
460Kb / 2P
Natural Convection: 2.63 based on 70 C temp rise above ambient
78350 AAVID-78350 Datasheet
459Kb / 2P
Natural Convection: 1.6 based on 70 C temp rise above ambient
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com