Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78030 Datasheet(PDF) 2 Page - Aavid, Thermal Division of Boyd Corporation

Part # 78030
Description  Natural Convection: 1.76 based on 70 C temp rise above ambient
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

78030 Datasheet(HTML) 2 Page - Aavid, Thermal Division of Boyd Corporation

  78030 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 78030 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET
EXTRUSION PROFILE 78030
USA: 1.855.322.2843
Extrusion Profile 78030
EUROPE: 39.051.764002
www.aavid.com
ASIA: 86.21.6115.2000 x8122
November 2016 A02
THERMAL DATA
Natural Convection: 1.76 based on 70 C temp rise above ambient
Thermal resistance is calculated based on a single 1" (25.4mm) square heat source centered on the heat sink. If you have distributed
loads, then you can expect 10% better performance in natural convection and 20% better performance in forced convection.
Natural Convection
Heat Sink Temperature Rise
Above Ambient
Heat Sink
Thermal Resistance
30.0
22.5
15.0
7.5
0.0
1.0
3.0
5.0
7.0
9.0
7.00
5.25
3.50
1.75
0.00
1.0
3.0
5.0
7.0
9.0
Power Dissipated (W)
Power Dissipated (W)
Forced Convection
Heat Sink Temperature Rise
Above Ambient (10W Dissipated)
Heat Sink
Thermal Resistance
Air Flow (m/s)
Air Flow (m/s)
1.0
2.0
3.0
4.1
5.1
15.0
11.2
7.5
3.8
0.0
200
400
600
800
1000
1.0
2.0
3.0
4.1
5.1
1.50
1.12
0.75
0.38
0.00
200
400
600
800
1000
Air Flow (LFM)
Air Flow (LFM)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com