Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4438 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI4438
Description  Low active power consumption
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4438 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI4438 Datasheet HTML 17Page - Silicon Laboratories SI4438 Datasheet HTML 18Page - Silicon Laboratories SI4438 Datasheet HTML 19Page - Silicon Laboratories SI4438 Datasheet HTML 20Page - Silicon Laboratories SI4438 Datasheet HTML 21Page - Silicon Laboratories SI4438 Datasheet HTML 22Page - Silicon Laboratories SI4438 Datasheet HTML 23Page - Silicon Laboratories SI4438 Datasheet HTML 24Page - Silicon Laboratories SI4438 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Si4438
Rev 1.0
21
Table 13. Recommended Preamble Length
Mode
AFC
Antenna
Diversity
Preamble Type
Recommended
Preamble Length
Recommended
Preamble Detection
Threshold
(G)FSK
Disabled
Disabled
Standard
4 Bytes
20 bits
(G)FSK
Enabled
Disabled
Standard
5 Bytes
20 bits
(G)FSK
Disabled
Disabled
Non-standard
2 Bytes
0 bits
(G)FSK
Enabled
Non-standard
Not Supported
(G)FSK
Disabled
Enabled
Standard
7 Bytes
24 bits
(G)FSK
Enabled
Enabled
Standard
8 Bytes
24 bits
OOK
Disabled
Disabled
Standard
4 Bytes
20 bits
OOK
Disabled
Disabled
Non-standard
2 Bytes
0 bits
OOK
Enabled
Not Supported
Notes:
1.
The recommended preamble length and preamble detection thresholds listed above are to achieve 0% PER. They may
be shortened when occasional packet errors are tolerable.
2.
All recommended preamble lengths and detection thresholds include AGC and BCR settling times.
3.
“Standard” preamble type should be set for an alternating data sequence at the max data rate (…10101010…)
4.
“Non-standard” preamble type can be set for any preamble type including …10101010...
5.
When preamble detection threshold = 0, sync word needs to be 3 Bytes to avoid false syncs. When only a 2 Byte sync
word is available the sync word detection can be extended by including the last preamble Byte into the RX sync word
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com