Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2364SLEX Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364SLEX
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364SLEX Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LMX2364SLEX Datasheet HTML 16Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 17Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 18Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 19Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 20Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 21Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 22Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 23Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Test Setup Procedures
Sensitivity
20050674
Frequency Input Pin
DC Blocking Capacitor
Corresponding Counter
Default Counter Value
MUX Value
OSCinIF
1 nF
IF_R/RF_R
5000
9 (IF R/2)
FinIF
100 pF
IF_N
5000
10 (IF N/2)
OSCinRF
1 nF
RF_R
50
11 (RF R/2)
FinRF
100 pF
RF_N
50
12 (RF N/2)
Sensitivity is defined as the power level limits beyond which
the output of the counter being tested is off by 1 Hz or more
of its expected value. It is typically measured over frequency,
voltage, and temperature. In order to test sensitivity, the
MUX[3:0] word is programmed to the appropriate value. The
counter value isthen programmed to a fixed value and a
frequency counter is set to monitor the frequency of this pin.
The expected frequency at the Ftest/LD pin should be the
signal generator frequency divided by twice the correspond-
ing counter value. The factor of two comes in because the
LMX2364 has a flip-flop which divides this frequency by two
to make the duty cycle 50% in order to make it easier to read
with the frequency counter. The frequency counter input
impedance should be set to high impedance.
In order to perform the measurement, the temperature, fre-
quency, and voltage is set to a fixed value and the power
level of the signal is varied. Note that the power level at the
part is assumed to be 4 dB less than the signal generator
power level. This accounts for 1 dB for cable losses and 3 dB
for the pad. The power level range where the frequency is
correct at the Ftest/LD pin to within 1 Hz accuracy is re-
corded for the sensitivity limits. The temperature, frequency,
and voltage can be varied in order to produce a family of
sensitivity curves. Since this is an open-loop test, the charge
pump is set to TRI-STATE and the unused side of the PLL
(RF or IF) is powered down when not being tested.
For this part, there are actually four frequency input pins,
although there is only one frequency test pin (Ftest/LD). The
conditions specific to each pin are show above.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com