Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2364SLEX Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364SLEX
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364SLEX Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LMX2364SLEX Datasheet HTML 26Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 27Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 28Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 29Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 30Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 31Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 32Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 33Page - National Semiconductor (TI) LMX2364SLEX Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Programming Description (Continued)
2.7 R4 REGISTER
This register is used to setup the N divider for the RF Synthesizer. A single word write to this register is all that is required to power
up and tune the RF synthesizer to the desired frequency.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
DATA[20:0]
C2
C1
C0
R4
RF_
PD
RF_N[12:0]
RF_FN[6:0]
1
0
0
2.7.1 RF_FN — Fractional Numerator, RF Synthesizer
In the case that the PLL is operating in fractional mode (RF_OM=1), RF_FN[6:0] specifies the fractional numerator of the
complete N counter value of the RF PLL. In the case that the PLL is operating in integer mode (RF_OM=0), RF_FN adds to the
total value of the N counter.
Operating Mode
RF N Divider Value Calculation
Fractional Mode (RF_OM=1)
RF_N +RF_FN/RF_FD
Integer Mode (RF_OM=0)
RF_N x RF_FD + RF_FN
2.7.2 RF_N[12:0] — N Divider Ratio, RF Synthesizer
RF_N[12:0] specifies an integer value that is used in calculating the N divider ratio for the RF synthesizer. In the case the part is
operating in fractional mode, it value is the N divider ratio. In the case the part is operating in integer mode, this number is used
in conjunction with the RF_FD and RF_FN values to calculate the N divider value. The range of values supported is dependant
on the selected prescaler. When the 8/9/12/13 prescaler is selected, RF_N value can range from 40 to 4095. When the
16/17/20/21 prescaler is selected, the RF_N value can range from 80 to 8191. The following tables describe how to program a
specific value of RF_N for a given prescaler.
The RF_N value is actually created using a prescaler, C counter, B counter, and an A counter. If RF_P = 16, then the RF_N[12:0]
word is just the binary representation of the desired value. If RF_P = 8, then the case is similiar, except that the third LSB is
disregarded in all calculations. The relationship between RF_N, RF_P, RF_A, RF_B, and RF_C is shown below.
RF_N = RF_PxRF_C +4xRF_B + RF_A
RF_N[12:0] Programming with RF_P = 16
RF_N[12:0]
12
11
10
987654
3
2
1
0
RF_C[8:0]
RF_B [1:0]
RF_A[1:0]
0–47
Values from 0–47 are not allowed.
Some of these N values are allowed, others are illegal divide ratios and not allowed.
48–79
Legal Divide Ratios in Fractional Mode:
48–49, 52–53, 64–66, 68–70, 72–74, 76–78
Legal Divide Ratios in Integer Mode:
All these values are legal in integer mode.
80
0
0
0
000101
0
0
0
0
81
0
0
0
000101
0
0
0
1
…
8191
1
1
1
111111
1
1
1
1
RF_N[12:0] Programming with RF_P = 8
RF_N[12:0]
12
11
10
987654
3
2
1
0
RF_C[8:0]
RF_B[1:0]
RF_A[1:0]
0–23
Values from 0–23 are not allowed.
Some of these N values are allowed, others are illegal divide ratios and not allowed.
24–39
Legal Divide Ratios in Fractional Mode:
24–25, 28–29, 32–34, 36–38
Legal Divide Ratios in Integer Mode:
All these values are legal in integer mode.
40
0
0
0
000011
X
0
0
0
41
0
0
0
000011
X
0
0
1
…
4095
1
1
1
111111
X
1
1
1
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com