Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2967 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2967
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2967 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP2967 Datasheet HTML 6Page - National Semiconductor (TI) LP2967 Datasheet HTML 7Page - National Semiconductor (TI) LP2967 Datasheet HTML 8Page - National Semiconductor (TI) LP2967 Datasheet HTML 9Page - National Semiconductor (TI) LP2967 Datasheet HTML 10Page - National Semiconductor (TI) LP2967 Datasheet HTML 11Page - National Semiconductor (TI) LP2967 Datasheet HTML 12Page - National Semiconductor (TI) LP2967 Datasheet HTML 13Page - National Semiconductor (TI) LP2967 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF, VON/OFF
= 1.6V, I
L = 1mA, TA = 25˚C. (Continued)
Load Transient Reponse (V
OUT1)
Load Transient Reponse (V
OUT1)
10114231
10114232
Load Transient Reponse (V
OUT1)
Load Transient Reponse (V
OUT2)
10114233
10114234
Load Transient Reponse (V
OUT2)
Load Transient Reponse (V
OUT2)
10114235
10114236
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com