Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2967 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2967
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2967 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP2967 Datasheet HTML 9Page - National Semiconductor (TI) LP2967 Datasheet HTML 10Page - National Semiconductor (TI) LP2967 Datasheet HTML 11Page - National Semiconductor (TI) LP2967 Datasheet HTML 12Page - National Semiconductor (TI) LP2967 Datasheet HTML 13Page - National Semiconductor (TI) LP2967 Datasheet HTML 14Page - National Semiconductor (TI) LP2967 Datasheet HTML 15Page - National Semiconductor (TI) LP2967 Datasheet HTML 16Page - National Semiconductor (TI) LP2967 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Application Hints (Continued)
MAXIMUM POWER DISSAIPATION CAPABILITY
Each output pin the LP2967 can deliver a current of up to
150mA over the full operating junction temperature range.
However, the maximum output current must be derated at
higher ambient temperature to ensure the junction tempera-
ture does not exceed 125˚C. Under all possible conditions,
the junction temperatures must be within the range specified
under operating conditions. The LP2967 is available in
MSOP-8 package and 8-bump micro SMD. The junction to
ambient temperature coefficient (
θ
JA) for an MSOP-8 pack-
age is 235˚C/W and the 8-bump micro SMD with minimum
copper area is 220˚C/W. The total power dissipation of the
device is given by:
PD=(V
IN −VOUT1) IOUT1+(VIN −VOUT2) IOUT2
The maximum power dissipation, PDmax, that the device
can tolerate can be calculated by using the formula:
PDmax = (T
JMAX −TA)/
θ
JA
where T
JMAX is the maximum specified junction temperature
(125˚C), and T
A is the maximum ambient temperature.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com