Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4868MT Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4868MT
Description  Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4868MT Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM4868MT Datasheet HTML 15Page - National Semiconductor (TI) LM4868MT Datasheet HTML 16Page - National Semiconductor (TI) LM4868MT Datasheet HTML 17Page - National Semiconductor (TI) LM4868MT Datasheet HTML 18Page - National Semiconductor (TI) LM4868MT Datasheet HTML 19Page - National Semiconductor (TI) LM4868MT Datasheet HTML 20Page - National Semiconductor (TI) LM4868MT Datasheet HTML 21Page - National Semiconductor (TI) LM4868MT Datasheet HTML 22Page - National Semiconductor (TI) LM4868MT Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Application Information (Continued)
f
L = 100Hz/5 = 20Hz
(12)
and an
f
H = 20kHz x 5 = 100kHz
(13)
As mentioned in the Selecting Proper External Compo-
nents section, R
i and Ci create a highpass filter that sets the
amplifier’s lower bandpass frequency limit. Find the coupling
capacitor’s value using Equation (12).
C
i
≥ 1/(2πR
ifL)
(14)
The result is
1/(2
π*20kΩ*20Hz) = 0.397µF
(15)
Use a 0.39µF capacitor, the closest standard value.
The product of the desired high frequency cutoff (100kHz in
this example) and the differential gain A
VD, determines the
upper passband response limit. With A
VD = 3 and fH =
100kHz, the closed-loop gain bandwidth product (GBWP) is
300kHz. This is less than the LM4868’s 3.5MHz GBWP. With
this margin, the amplifier can be used in designs that require
more differential gain while avoiding performance,restricting
bandwidth limitations.
RECOMMENDED PRINTED CIRCUIT BOARD LAYOUT
Figures 9 through 13 show the recommended four-layer PC
board layout that is optimized for the 24-pin LQ-packaged
LM4868 and associated external components. Figures 14
through 18 show the recommended four-layer PC board
layout that is optimized for the 24-pin MTE-packaged
LM4868 and associated external components. Figures 19
through 21 show the recommended two-layer PC board
layout that is optimized for the 20-pin MT-packaged LM4868
and associated external components. These circuits are de-
signed for use with an external 5V supply and 4
Ω speakers
(or greater) for the MT-packaged LM4868 or 3
Ω speakers (or
greater) for the LQ- and MTE-packaged LM4868.
These circuit boards are easy to use. Apply 5V and ground to
the board’s V
DD and GND pads, respectively. Connect 4
Ω
speakers between the board’s −OUTA and +OUTA and
OUTB and +OUTB pads.
20026778
FIGURE 9. Recommended LQ PC Board Layout:
Component-Side Silkscreen
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com