Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4868MT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4868MT
Description  Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4868MT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4868MT Datasheet HTML 1Page - National Semiconductor (TI) LM4868MT Datasheet HTML 2Page - National Semiconductor (TI) LM4868MT Datasheet HTML 3Page - National Semiconductor (TI) LM4868MT Datasheet HTML 4Page - National Semiconductor (TI) LM4868MT Datasheet HTML 5Page - National Semiconductor (TI) LM4868MT Datasheet HTML 6Page - National Semiconductor (TI) LM4868MT Datasheet HTML 7Page - National Semiconductor (TI) LM4868MT Datasheet HTML 8Page - National Semiconductor (TI) LM4868MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM4868
Output-Transient-Free Dual 2.1W Audio Amplifier Plus
No Coupling Capacitor Stereo Headphone Function
General Description
The LM4868 is a dual bridge-connected audio power ampli-
fier which, when connected to a 5V supply, will deliver 2.1W
toa4
Ω load (Note 1) or 2.4W to a 3Ω load (Note 2) with less
than 1.0% THD+N. The LM4868 uses advanced, latest gen-
eration circuitry to eliminate all traces of clicks and pops
when the supply voltage is first applied. The amplifier has a
headphone-amplifier-select input pin. It is used to switch the
amplifiers from bridge to single-ended mode for driving
headphones. A new circuit topology eliminates headphone
output coupling capacitors (patent pending). A MUX control
pin allows selection between the two sets of stereo input
signals. The MUX control can also be used to select be-
tween two different customer-specified closed-loop re-
sponses.
Boomer audio power amplifiers are designed specifically to
provide high quality output power from a surface mount
package and require few external components. To simplify
audio system design, the LM4868 combines dual bridge
speaker amplifiers and stereo headphone amplifiers in one
package.
The LM4868 features an externally controlled power-saving
micropower shutdown mode, a stereo headphone amplifier
mode, and thermal shutdown protection.
Note 1: An LM4868LQ or LM4868MTE that has been properly mounted to
a circuit board will deliver 2.1W into 4
Ω. The Mux control can also be used to
select two different closed-loop responses. LM4868MT will deliver 1.1W into
8
Ω. See the Application Information sections for further information concern-
ing the LM4868LQ and the LM4868MT.
Note 2: An LM4868LQ or LM4868MTE that has been properly mounted to a
circuit board and forced-air cooled will deliver 2.4W into 3
Ω.
Key Specifications
n
P
O at 1% THD+N
n
LM4868LQ, 3
Ω load
2.4W (typ)
n
LM4868LQ, 4
Ω load
2.1W (typ)
n
LM4868MTE, 4
Ω
1.9W (typ)
n
LM4868MT, 8
Ω
1.1W (typ)
n
Single-ended mode - THD+N at 75mW into 32
Ω
0.5%
(max)
n
Shutdown current
0.7µA (typ)
Features
n
Advanced “click and pop” suppression circuitry
n
Eliminates headphone amplifier output coupling
capacitors (patent pending)
n
Stereo headphone amplifier mode
n
Input mux control and two separate inputs per channel
n
Thermal shutdown protection circuitry
n
LLP, TSSOP, and exposed-DAP TSSOP packaging
available
Applications
n
Multimedia monitors
n
Portable and desktop computers
n
Portable audio systems
Connection Diagrams
20026758
Top View
Order Number LM4868MT, LM4868MTE
See NS Package Number MTC20 for TSSOP
See NS Package Number MXA20A for Exposed-DAP TSSOP
Boomer® is a registered trademark of National Semiconductor Corporation.
August 2002
© 2002 National Semiconductor Corporation
DS200267
www.national.com


Similar Part No. - LM4868MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
Series 1W Audio Power Amplifier with Shutdown Mode
LM4860 NSC-LM4860 Datasheet
323Kb / 11P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4860 TI-LM4860 Datasheet
1,004Kb / 20P
No Output Coupling Capacitors, Bootstrap Capacitors, or Snubber Circuits are Necessary, Small Outline (SO) Packaging
LM4860 TI2-LM4860 Datasheet
567Kb / 21P
LM4860 Series 1W Audio Power Amplifier with Shutdown Mode
REVISED MAY 2013
logo
National Semiconductor ...
LM4860M NSC-LM4860M Datasheet
278Kb / 9P
Series 1W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4868MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4867 NSC-LM4867 Datasheet
763Kb / 26P
Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone
logo
Global Mixed-mode Techn...
G1421 GMT-G1421 Datasheet
431Kb / 24P
2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
logo
National Semiconductor ...
LM4867 NSC-LM4867_02 Datasheet
844Kb / 28P
Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com