Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC457TLD Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPC457TLD
Description  5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC457TLD Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPC457TLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P04008.2
- 1 -
http://www.cosmo-ic.com
cosmo
KPC457 Series
5PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Description
The KPC457 series consist of a LED. It is a
high-speed digital output type photocoupler. And it is
packaged in a 5pin mini-flat package.
 Schematic
3
1
5
4
6
1. Anode
3. Cathode
4. GND(Emitter)
5. Vo (Open collector)
6. Vcc
Features
1.
Pb free and RoHS compliant
2.
5 pin mini-flat package
3.
High speed response (tPLH:typ.0.2us, tPHL:typ.0.4us)
4.
High instantaneous common mode rejection voltage (CMH: Min. 15KV/us, CML: Min. -15KV/us)
5.
High isolation voltage between input and output (Viso: 3750Vrms)
6.
MSL class 1
7.
Agency Approvals:
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• VDE Approved (No. 40020973): DIN EN60747-5-5
Applications
• Computers, measuring instruments, control equipment
• High speed line receivers, high speed logic
• Telephone sets
• Signal transmission between circuits of different potentials and impedances


Similar Part No. - KPC457TLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC457 COSMO-KPC457 Datasheet
72Kb / 4P
High Speed 1Mb/s,High CMR Mini-flat Package Photocoupler
KPC457 COSMO-KPC457_12 Datasheet
61Kb / 4P
High Speed 1Mb/s,High CMR Mini-flat Package
More results

Similar Description - KPC457TLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N136 COSMO-KPC6N136_15 Datasheet
337Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N137 COSMO-KPC6N137_16 Datasheet
331Kb / 12P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N138 COSMO-KPC6N138_15 Datasheet
338Kb / 11P
8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC6N139 COSMO-KPC6N139_15 Datasheet
304Kb / 11P
8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC410 COSMO-KPC410_16 Datasheet
185Kb / 10P
5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com