Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC457TLD Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPC457TLD
Description  5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC457TLD Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPC457TLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPC457TLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P04008.2
- 4 -
http://www.cosmo-ic.com
cosmo
KPC457 Series
5PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Instantaneous common mode
rejection voltage (High level output)
CML
IF=16mA,VCC=5V,
VCM=1.0KV(p-p),
RL=1.9KΩ
-15
-30
-
KV/us
*5 It shall connect a by-pass capacitor of 0.01uF or more between Vcc (pin 6) and GND(pin 4) near the
device ,when it measures transfer characteristics and the output side characteristics.
*6 Ta=0 to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com