Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5C3305G-SM1-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US5C3305G-SM1-R
Description  CMOS IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5C3305G-SM1-R Datasheet(HTML) 3 Page - Unisonic Technologies

  US5C3305G-SM1-R Datasheet HTML 1Page - Unisonic Technologies US5C3305G-SM1-R Datasheet HTML 2Page - Unisonic Technologies US5C3305G-SM1-R Datasheet HTML 3Page - Unisonic Technologies US5C3305G-SM1-R Datasheet HTML 4Page - Unisonic Technologies US5C3305G-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US5C3305
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R121-025.a
ABSOLUTE MAXIMUM RATING (TA =25°C , unless otherwise specified)
(Above which the useful life may be impaired. For user guidelines, not tested.)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage to Ground Potential
-0.5~+7.0
V
DC Input Voltage
-0.5~+7.0
V
DC Output Current
120
mA
Power Dissipation
PD
0.5
W
Storage Temperature
TSTG
-65~+150
°C
Ambient Temperature with Power Applied
TA
-40~+85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DC ELECTRICAL CHARACTERISTICS
(Over the Operating Range, TA=-40°C~+85°C, VCC=4V~5.5V)
PARAMETER
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
(Note 2)
MAX
UNIT
Input HIGH Voltage
VIH
Guaranteed Logic HIGH Level
2.0
V
Input LOW Voltage
VIL
Guaranteed Logic LOW Level
-0.5
0.8
V
Input HIGH Current
IIH
VCC=Max., VIN=VCC
±1
μA
Input LOW Current
IIL
VCC=Max., VIN=GND
±1
μA
High Impedance Output Current
IOZ
0≤A, B≤VCC
±1
μA
Low Impedance Output Current
ION
0≤A, B≤VCC
±1
μA
Input Hysteresis at Control Pins
VH
250
mV
VCC=4.5V, VIN=0.0V,
ION=30mA or 64mA
4
7
Switch On-Resistance (Note 3)
RON
VCC=4.5V, VIN=2.4V,
ION=-15mA
8
15
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the
applicable device type
2. Typical values are at VCC=5.0V, TA=25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance
is determined by the lower of the voltages on the two (A, B) pin
POWER SUPPLY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
(Note 2)
MAX
UNIT
Quiescent Power Supply Current
ICC
VIN=GND or VCC
0.1
3.0
μA
Supply Current per Input @
TTL HIGH
 △
ICC
VCC=Max.
VIN=3.4V (Note 3)
2.5
mA
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the
applicable device.
2. Typical values are at VCC=5.0V, +25°C ambient.
3. Per TTL driven input (VIN=3.4V, control inputs only); A and B pins do not contribute to ICC.
CAPACITANCE (TA=25°C, f =1MHz)
PARAMETER (Note 1)
SYMBOL
TEST CONDITIONS (Note 1)
MIN
TYP
MAX
UNIT
Input Capacitance
CIN
3
pF
A/B Capacitance, Switch Off
COFF
5
pF
A/B Capacitance, Switch On
CON
VIN=0V
10
pF
Note: This parameter is determined by device characterization but is not production tested.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com