Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5C3305G-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US5C3305G-SM1-R
Description  CMOS IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5C3305G-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US5C3305G-SM1-R Datasheet HTML 1Page - Unisonic Technologies US5C3305G-SM1-R Datasheet HTML 2Page - Unisonic Technologies US5C3305G-SM1-R Datasheet HTML 3Page - Unisonic Technologies US5C3305G-SM1-R Datasheet HTML 4Page - Unisonic Technologies US5C3305G-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US5C3305
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R121-025.a
SWITCHING CHARACTERISTICS OVER OPERATING RANGE (CL=50pF, RL=500Ω)
PARAMETER
SYMBOL
TEST CONDITIONS
(Note 1)
MIN
TYP
MAX
UNIT
VCC=4V
0.25
ns
Propagation Delay Time Signal A to B,
B to A (Note 2, 3)
tPLH/tPHL
VCC=5V±10%
1.0
0.25
ns
VCC=4V
5.5
ns
Bus Enable Time
tPZH/tPZL
VCC=5V±10%
1.0
4.9
ns
VCC=4V
4.5
ns
Bus Disable Time
tPHZ/tPLZ
VCC=5V±10%
4.2
ns
Notes: 1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the
switch and the load capacitance. The time constant for the switch alone is of the order of 0.25ns for 50pF
load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very
little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the
driven side.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com