Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5C3306G-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US5C3306G-SM1-R
Description  CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5C3306G-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US5C3306G-SM1-R Datasheet HTML 1Page - Unisonic Technologies US5C3306G-SM1-R Datasheet HTML 2Page - Unisonic Technologies US5C3306G-SM1-R Datasheet HTML 3Page - Unisonic Technologies US5C3306G-SM1-R Datasheet HTML 4Page - Unisonic Technologies US5C3306G-SM1-R Datasheet HTML 5Page - Unisonic Technologies US5C3306G-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US5C3306
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R121-026.a
2-BIT BUS SWITCH WITH
ACTIVE LOW ENABLES
DESCRIPTION
The UTC US5C3306 consist of two independent 5Ω switches
with fast individual enables. The “A” pin is connected to the “B” pin
directly when the associated Bus Enable (BE) pin is set to “Low”.
The bus switch introduces no additional propagation delay or
additional ground bounce noise.
FEATURES
* Low on-resistor between two ports (5Ω typical)
* Near-Zero propagation delay
* Direct bus connection when switches are ON
* Ultra Low Quiescent Power (0.2μA typical)
- Ideally suited for notebook applications
ORDERING INFORMATION
Ordering Number
Package
Packing
US5C3306G-SM1-R
MSOP-8
Tape Reel
MARKING


Similar Part No. - US5C3306G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US5C3309G-SM1-R UTC-US5C3309G-SM1-R Datasheet
250Kb / 6P
CMOS IC
More results

Similar Description - US5C3306G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com