Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US222ALG-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US222ALG-AF5-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US222ALG-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  US222ALG-AF5-R Datasheet HTML 1Page - Unisonic Technologies US222ALG-AF5-R Datasheet HTML 2Page - Unisonic Technologies US222ALG-AF5-R Datasheet HTML 3Page - Unisonic Technologies US222ALG-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
US222
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R129-012.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VIN
6.0
V
Operating Junction Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-65~+150
°C
Lead Temperature (Soldering, 10sec)
TLEAD
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VIN
5.5
V
Operating Ambient Temperature Range
TA
-40
85
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
300
℃/W
ELECTRICAL CHARACTERISTICS
(VIN=5.0V, CIN=2.2µF, COUT=1.0µF, Typical TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VIN
5.5
V
Switch On Resistance
RDS(ON)
VIN=5.0V, IOUT=0.5A
85
110
mΩ
Supply Current
ISUPPLY
VIN=5.0V, No Load
68
95
µA
US222AL/AH (2.0A), VOUT=4.0V
2.1
2.7
3.6
A
US222BL/BH (1.5A), VOUT=4.0V
1.6
2.0
2.8
A
US222CL/CH (1.0A), VOUT=4.0V
1.1
1.5
2.1
A
Current Limit
ILIMIT
US222DL/DH (0.5A) , VOUT=4.0V
0.6
1.0
1.4
A
Fold-back Short Current
ISHORT
US222A/B/C/D, VOUT=0V
1.0
A
Shutdown Supply Current
ISHUTDOWN Chip Disable, Shutdown Mode
0.1
5.0
µA
Enable High Input Threshold
VENH
2.0
V
Enable Low Input Threshold
VENL
0.8
V
Enable Pin Input Current
IEN
Force 0V to 5.0V at EN Pin
-1.0
1.0
µA
Under Voltage Lockout
Threshold Voltage
VUVLO
VIN Increasing from 0V
2.5
V
Under Voltage Hysteresis
VUVLOHY
0.2
V
Output Pull Low Resistance
after Shutdown
RDISCHARGE
100
Ω
Output Turn-on Time
tON
From Enable Active to 90% of
Output
400
µs
FLAG Pin Delay Time
tDFLG
From Over Current Fault
Condition to Flag Active
12
ms
FLAG Pin Low Voltage
VFLG
ISINK=1.0mA
35
mV
FLAG Pin Leakage Current
ILEAKAGE
FLAG Disable, Force 5.0V
1.0
µA
Thermal Shutdown Temperature
TOTSD
150
°C
Thermal Shutdown Hysteresis
THYOTSD
30
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com