Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US222ALG-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US222ALG-AF5-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US222ALG-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US222ALG-AF5-R Datasheet HTML 1Page - Unisonic Technologies US222ALG-AF5-R Datasheet HTML 2Page - Unisonic Technologies US222ALG-AF5-R Datasheet HTML 3Page - Unisonic Technologies US222ALG-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US222
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R129-012.a
0.5A TO 2.0A HIGH-SIDE
POWER DISTRIBUTION
SWITCHES
DESCRIPTION
The UTC US222 are low voltage cost-effective high-side
power switches with flag function. These devices are particularly
suitable for self-powered and bus-powered USB applications. The
build-in N-MOSFET’s RDS(ON) which meets the requirements of
USB voltage drop is as low as 85 mΩ.
The UTC US222 contains a charge pump circuitry to drive the
internal MOSFET switch and also incorporate such protection
circuits: soft-start circuit protect these devices from being
damaged by limiting inrush current during plug-in; thermal
shutdown circuit is used to prevent catastrophic switch failure
from high-current loads. UVLO is used to ensure that the device
remains off unless there is a valid input voltage present. A flag
output is designed to indicate fault conditions to the local USB
controller.
FEATURES
* Low MOSFET On Resistance: 85mΩ
* Compliant to USB Specifications
* Available 4 Versions of Continuous Load: 0.5A/1.0A/1.5A/2.0A
* Logic Level Enable Pin: Available with Active-high or Active-low
Version
* Low Supply Current: 68µA (Typ.)
* Low Shutdown Current: 1.0µA (Max)
* Soft Start-up
* Under-voltage Lockout
* Over-current Protection
* Over Temperature Protection
* Load Short Protection with Fold-back
* Deglitched FLAG Output with Open Drain
* No Reverse Current When Power Off
* With Output Shutdown Pull-low Resistor
ORDERING INFORMATION
Ordering Number
Package
Packing
US222XXG-AF5-R
SOT-25
Tape Reel
(1) R: Tape Reel
(2) AF5: SOT-25
(3) G: Halogen Free and Lead Free
(4) AL/AH: 2.0A, BL/BH: 1.5A, CL/CH: 1.0A, DL/DH: 0.5A
US222XXG-AF5-R
(1)Packing Type
(2)Package Type
(3)Green Package
(4)Current Limit


Similar Part No. - US222ALG-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US223 UTC-US223 Datasheet
217Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US2236032DB UTC-US2236032DB Datasheet
178Kb / 5P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW R LOAD SWITCHES
US2236032DBG-S08-R UTC-US2236032DBG-S08-R Datasheet
178Kb / 5P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW R LOAD SWITCHES
US2236032DBL-S08-R UTC-US2236032DBL-S08-R Datasheet
178Kb / 5P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW R LOAD SWITCHES
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
More results

Similar Description - US222ALG-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com