Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US206LG-20AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US206LG-20AF5-R
Description  CMOS IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US206LG-20AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US206LG-20AF5-R Datasheet HTML 1Page - Unisonic Technologies US206LG-20AF5-R Datasheet HTML 2Page - Unisonic Technologies US206LG-20AF5-R Datasheet HTML 3Page - Unisonic Technologies US206LG-20AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US206
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R129-021.a
POWER DISTRIBUTION
SWITCH
DESCRIPTION
The UTC US206 is a power distribution switch. It particularly
designed for self-powered and bus-powered Universal Serial Bus
(USB) applications.
The RDS (ON) of the MOSFET switch is as low as 85mΩ. OC is
open-drain output report over-current or over-temperature event
which has deglitch typical 9ms timeout period typically 9ms.
The UTC US206 incorporates protection circuits including
current limiting circuit with foldback function, thermal shutdown
circuit designed to prevent catastrophic switch failure due to
increasing power dissipation when continuous heavy loads or short
circuit occurs. Besides, a built-in charge pump is used to drive the
N-channel MOSFET that is free of parasitic body diode to eliminate
any reversed current flow across the switch when it is powered off.
The UTC US206 is applied in high-side power protection switch,
USB power management, USB host and self-powered bubs, USB
bus-powered hubs, hot plug-in power supplies, battery-charger
circuits.
FEATURES
* Operating on The Range of 3.0V to 5.5V
* High-Side MOSFET with 85mΩ RDS(ON)
* Quiescent Supply Current: 65μA
* Available With 4 Versions of Current Limits with Foldback
* Rise Time: 400μS (TYP.)
* UVLO (Under Voltage Lockout)
* Output Shutdown Pull-low Resister
* Shutdown Supply Current: 1μA (MAX.)
* Logic Level Enable Pin, Available with Active-High or Active-Low
Version
* Reverse Current is Not Generated when in Power Off State
* Deglitched Open-Drain Over-Current Flag Output ( OC )
SOT-25
1
3
5
2
4
ORDERING INFORMATION
Ordering Number
Package
Packing
US206xG-xx-AF5-R
SOT-25
Tape Reel
US206xG-xx-AF5-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AF5: SOT-25
(3) 10: 1.4A, 15: 2.1A, 20: 2.8A, 25: 3.5A
(3)Current Limit Threshold
(4)Green Package
(4) G: Halogen Free and Lead Free
(5)Logic Level Enable Pin
(5) H: Active High, L: Active Low


Similar Part No. - US206LG-20AF5-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
US20 MICROSEMI-US20 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
logo
Unisonic Technologies
US2005 UTC-US2005 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005 UTC-US2005 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005G-AG6-R UTC-US2005G-AG6-R Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005G-AG6-R UTC-US2005G-AG6-R Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
More results

Similar Description - US206LG-20AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com