Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLS3135-50 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLS3135-50
Description  Microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLS3135-50 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLS3135-50 Datasheet HTML 1Page - NXP Semiconductors BLS3135-50 Datasheet HTML 2Page - NXP Semiconductors BLS3135-50 Datasheet HTML 3Page - NXP Semiconductors BLS3135-50 Datasheet HTML 4Page - NXP Semiconductors BLS3135-50 Datasheet HTML 5Page - NXP Semiconductors BLS3135-50 Datasheet HTML 6Page - NXP Semiconductors BLS3135-50 Datasheet HTML 7Page - NXP Semiconductors BLS3135-50 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Aug 16
4
Philips Semiconductors
Product specification
Microwave power transistor
BLS3135-50
VCB = 40 V; class-C; tp = 100 µs; δ = 10%.
(1) f = 3.5 GHz.
(2) f = 3.3 GHz.
(3) f = 3.1 GHz.
Fig.2
Load power as a function of drive power;
typical values.
handbook, halfpage
02
PD (W)
PL
(W)
10
80
60
20
0
40
46
8
MCD758
(2)
(3)
(3)
(1)
Fig.3
Power gain as a function of load
power; typical values.
VCB = 40 V; class-C; PL = 50 W; tp = 100 µs; δ = 10%.
(1) f = 3.5 GHz.
(2) f = 3.3 GHz.
(3) f = 3.1 GHz.
handbook, halfpage
0
(3)
(1)
(2)
Gp
(dB)
20
40
80
10
−2
2
4
8
0
6
60
PL (W)
MCD759
Fig.4
Collector efficiency as a function of load
power; typical values.
VCB = 40 V; class-C; tp = 100 µs; δ = 10%.
(1) f = 3.5 GHz.
(2) f = 3.3 GHz.
(3) f = 3.1 GHz.
handbook, halfpage
0
ηC
(%)
20
PL (W)
40
80
50
0
40
60
30
20
10
MCD760
(3)
(1)
(2)
Fig.5
Power gain and input return losses as
functions of frequency; typical values.
VCB = 40 V; class-C; PL = 50 W; tp = 100 µs; δ = 10%.
handbook, halfpage
3.0
3.5
20
0
4
8
12
16
10
0
2
4
6
8
3.1
Gp
(dB)
f (GHz)
3.2
Gp
3.3
Return
Losses
(dB)
3.4
MCD761
Return
Losses



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com