Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLS3135-50 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLS3135-50
Description  Microwave power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLS3135-50 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLS3135-50 Datasheet HTML 1Page - NXP Semiconductors BLS3135-50 Datasheet HTML 2Page - NXP Semiconductors BLS3135-50 Datasheet HTML 3Page - NXP Semiconductors BLS3135-50 Datasheet HTML 4Page - NXP Semiconductors BLS3135-50 Datasheet HTML 5Page - NXP Semiconductors BLS3135-50 Datasheet HTML 6Page - NXP Semiconductors BLS3135-50 Datasheet HTML 7Page - NXP Semiconductors BLS3135-50 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Aug 16
2
Philips Semiconductors
Product specification
Microwave power transistor
BLS3135-50
FEATURES
• Suitable for short and medium pulse applications
• Internal input and output matching networks for an easy
circuit design
• Emitter ballasting resistors improve ruggedness
• Gold metallization ensures excellent reliability
• Interdigitated emitter-base structure provides high
emitter efficiency
• Multicell geometry improves power sharing and reduces
thermal resistance.
APPLICATIONS
• Common base class-C pulsed power amplifiers for radar
applications in the 3.1 to 3.5 GHz band.
DESCRIPTION
NPN silicon planar epitaxial microwave power transistor in
a 2-lead rectangular flange package with a ceramic cap
(SOT422A) with the common base connected to the
flange.
PINNING - SOT422A
PIN
DESCRIPTION
1
collector
2
emitter
3
base; connected to flange
Fig.1 Simplified outline.
handbook, halfpage
1
2
3
3
MBK051
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common base class-C test circuit.
MODE OF OPERATION
f
(GHz)
VCB
(V)
PL
(W)
Gp
(dB)
η
C
(%)
Pulsed, class-C
3.1 to 3.5
40
50
typ. 8
typ. 40
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com