Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BA2R
Description  Multi-voltage 12 ??40 V AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BA2R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BA2R Datasheet HTML 1Page - List of Unclassifed Manufacturers BA2R Datasheet HTML 2Page - List of Unclassifed Manufacturers BA2R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
I Timers
I 03
I www.crouzet-control.com
General characteristics
Immunity to rapid transient bursts acc. to IEC/EN 61000-4-4
Level III direct ± 2 kV (power supply) / capacitive coupling clamp
± 1 KV (command input and outputs)
Immunity to shock waves on power supply acc. to IEC/EN 61000-4-5
Level III
line-to-earth ± 2 kV / line-to-line ± 1kV
Immunity to radio frequency in common mode acc. to
IEC/EN 61000-4-6
Level III
10 Vrms (0,15 →80 M Hz) 80% AM (1 k Hz)
Immunity to voltage dips and breaks acc. to IEC/EN 61000-4-11
Industrial Class II:
0% residual voltage during 1cycle a.c. power ports
70% residual voltage during 25/30 cycles a.c. power ports
0% residual voltage, 250/300 cycles a.c. power ports
Residential:
0% residual voltage during 10 cycle a.c.power ports
40% residual voltage during 10 cycles a.c. power ports
70% residual voltage during 10 cycles a.c. power ports
0% residual voltage, 250/300 cycles a.c. power ports
Mains-borne and radiated emissions acc. to EN 55022 (CISPR22),
EN55011 (CISPR11)
EN 55022 / CISPR22 Class B (IT equipment)
EN 55011 / CISPR11 Class B, Group 1 (Medical equipment)
Dimensions
Curves
Function A
Delay on energisation 1 relay
U
R2
R1/R2
T
Function At
Timing on Energisation with memory
U
Y1
R1/R2
t1
t2
T = t1+t2
Connections
1 changeover relay output
U
A1
R1
R2
15
A2
18
16
25
28
26
Y1
+



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com