Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BA2R
Description  Multi-voltage 12 ??40 V AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BA2R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BA2R Datasheet HTML 1Page - List of Unclassifed Manufacturers BA2R Datasheet HTML 2Page - List of Unclassifed Manufacturers BA2R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
› Multi-voltage 12 →240 V AC/DC
› LED status indicator (relay version)
› Possibility of external load connection in parallel to the
control input
› 3-wire PNP sensor compatible
Specifications
Functions
Delay
Output
Nominal rating
Connections
Supply voltage
Code
A-At
0,1 s →10 days
2 changeover relays
2 x 8A
Screw terminals
12 →240 V ∿/⎓
BA2R08MV1
Output relay
Contact arrangement
2 CO (SPDT) (ChangeOver -Simple Pole Double Throw-)
R1: Follow timing function
R2: Follow timing function
Maximum switching voltage
250 VAC/ 8 A resistive / 250 VDC / 0.3 A resistive
Switching current rate (resistive)
NO / NC : 8A 250 V AC / 8 A 30 VDC @ 25°C
NO / NC : 5A 250 V AC / 5 A 30 VDC @ 60°C
Minimum switching contact
10 mA / 5 VDC
Maximum switching power (resistive)
2000 VA / 80 W @ 25°C
Electrical life
105 cycles min at 250 VAC/ 8 A resistive
Maximum rate (at max switching power)
360 cycles /hour
Mechanical life
10 x 106 cycles
Rated impulse voltage
5 kV (1.2/50µs)
Dielectric strength between coil / contacts
IEC 60664-1: 5 kV /1 min / 1 mA / 50 Hz
Dielectric strength between open contacts
2.5 kV /1 min / 1 mA / 50 Hz
Timing
Timing ranges (7 ranges)
0.5→10s, 0.05→1min, 0.5→10min, 0.05→1h,
0.5→10h, 0.05→1day, 0.5→10days
Minimum pulse duration typically (relay version)
IEC 1812-1: 30 ms / 100 ms with load
Maximum reset time by de-energisation typically (relay version)
IEC 1812-1: 120 ms
Repeatability
IEC 1812-1: ≤ ± 0,5%
Repetition accuracy with constant parameters
IEC 1812-1: ≤ ± 10%
Drift Temperature
≤ ± 0.05% / °C
Voltage-dependent drift
≤ ± 0.2% / V
Supply
Multi-voltage power supply
12→240 V∿/⎓
Operating range
15%, +10%
Operating frequency (Hz)
50 / 60 Hz ± 5%
Galvanic isolation
No
BA2R
Timers
Syrline
17.5 mm - 2 Relays 8A


Similar Part No. - BA2R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA2-B0-34-610-121-D ETC2-BA2-B0-34-610-121-D Datasheet
2Mb / 17P
B-Series ??General Specifications
logo
Banner Engineering Corp...
BA2.52PM600 BANNER-BA2.52PM600 Datasheet
15Mb / 42P
Fiber Optic Systems
BA2.52PM900 BANNER-BA2.52PM900 Datasheet
15Mb / 42P
Fiber Optic Systems
BA2.52PMXX BANNER-BA2.52PMXX Datasheet
15Mb / 42P
Fiber Optic Systems
BA2.52PXX BANNER-BA2.52PXX Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - BA2R

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ_12 Datasheet
411Kb / 3P
40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_12 Datasheet
209Kb / 4P
40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_12 Datasheet
246Kb / 4P
40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_13 Datasheet
437Kb / 4P
40 Watt | AC-DC / DC-DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ_13 Datasheet
380Kb / 4P
40 Watt | AC-DC / DC-DC Converter
logo
List of Unclassifed Man...
BL2R ETC2-BL2R Datasheet
597Kb / 3P
Multi-voltage 12 ??40 V AC/DC
logo
BELIMO AIRCONTROLS (USA...
AKRB24-IP BELIMO-AKRB24-IP Datasheet
171Kb / 1P
Nominal voltage AC/DC 24 V
logo
WAGO Kontakttechnik Gmb...
859-353 WAGO-859-353 Datasheet
548Kb / 10P
Relay module; Nominal input voltage: 12 V AC/DC; 1 changeover contact
logo
Integrated Power Design...
NXT-400M IPDPOWER-NXT-400M Datasheet
486Kb / 2P
MULTI OUTPUT AC-DC
REV. KKL 10/7/2022
SRP-40A IPDPOWER-SRP-40A Datasheet
342Kb / 2P
40 WATTS SINGLE/MULTI OUTPUT AC-DC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com