Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4872IBPX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4872IBPX
Description  1 Watt Audio Power Amplifier in micro SMD package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4872IBPX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4872IBPX Datasheet HTML 5Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 6Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 7Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 8Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 9Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 10Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 11Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 12Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Information (Continued)
shown in
Figure 1. The input coupling capacitor, C
i, forms a
first order high pass filter which limits low frequency re-
sponse. This value should be chosen based on needed fre-
quency response for a few distinct reasons.
Selection Of Input Capacitor Size
Large input capacitors are both expensive and space hungry
for portable designs. Clearly, a certain sized capacitor is
needed to couple in low frequencies without severe attenua-
tion. But in many cases the speakers used in portable sys-
tems, whether internal or external, have little ability to repro-
duce signals below 100 Hz to 150 Hz. Thus, using a large
input capacitor may not increase actual system perfor-
mance.
In addition to system cost and size, click and pop perfor-
mance is effected by the size of the input coupling capacitor,
C
i. A larger input coupling capacitor requires more charge to
reach its quiescent DC voltage (nominally 1/2 V
DD). This
charge comes from the output via the feedback and is apt to
create pops upon device enable. Thus, by minimizing the ca-
pacitor size based on necessary low frequency response,
turn-on pops can be minimized.
Besides minimizing the input capacitor size, careful consid-
eration should be paid to the bypass capacitor value. Bypass
capacitor, C
B, is the most critical component to minimize
turn-on pops since it determines how fast the LM4872 turns
on. The slower the LM4872’s outputs ramp to their quiescent
DC voltage (nominally 1/2 V
DD), the smaller the turn-on pop.
Choosing C
B equal to 1.0 µF along with a small value of Ci
(in the range of 0.1 µF to 0.39 µF), should produce a virtually
clickless and popless shutdown function. While the device
will function properly, (no oscillations or motorboating), with
C
B equal to 0.1 µF, the device will be much more susceptible
to turn-on clicks and pops. Thus, a value of C
B equal to
1.0 µF is recommended in all but the most cost sensitive de-
signs.
LOW VOLTAGE APPLICATIONS ( BELOW 3.0 V
DD )
The Lm4872 will function at voltages below 3 volts but this
mode of operation requires the addition of a 1k
Ω resistor
from each of the differential output pins ( pins 8 and4)di-
rectly to ground. The addition of the pair of 1k
Ω resistors ( R4
& R5 ) assures stable operation below 3 Volt Vdd operation.
The addition of the two resistors will however increase the
idle current by as much as 5mA. This is because at 0v input
both of the outputs of the LM4872’s 2 internal opamps go to
1/2 V
DD ( 2.5 volts for a 5v power supply ), causing current to
flow through the 1K resistors from output to ground. See fig
4.
Jumper options have been included on the reference design,
Fig. 4, to accommodate the low voltage application. J2 & J3
connect R4 and R5 to the outputs. J1 operates the shutdown
function. J1 must be installed to operate the part. A switch
may be installed in place of J1 for easier evaluation of the
shutdown function.
AUDIO POWER AMPLIFIER DESIGN
A 1W/8
Ω AUDIO AMPLIFIER
Given:
Power Output
1 Wrms
Load Impedance
8
Ω
Input Level
1 Vrms
Input Impedance
20 k
Ω
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to
obtain the specified output power. By extrapolating from the
Output Power vs Supply Voltage graphs in the Typical Per-
formance Characteristics section, the supply rail can be
easily found. A second way to determine the minimum sup-
ply rail is to calculate the required V
opeak using Equation 2
and add the output voltage. Using this method, the minimum
supply voltage would be (V
opeak +(VODTOP +VODBOT)), where
V
ODBOT and VODTOP are extrapolated from the Dropout Volt-
age vs Supply Voltage curve in the Typical Performance
Characteristics section.
(2)
Using the Output Power vs Supply Voltage graph for an 8
Ω
load, the minimum supply rail is 4.6V. But since 5V is a stan-
dard voltage in most applications, it is chosen for the supply
rail. Extra supply voltage creates headroom that allows the
LM4872 to reproduce peaks in excess of 1W without produc-
ing audible distortion. At this time, the designer must make
sure that the power supply choice along with the output im-
pedance does not violate the conditions explained in the
Power Dissipation section.
Once the power dissipation equations have been addressed,
the required differential gain can be determined from Equa-
tion 3.
(3)
R
f/Ri =AVD/2
From Equation 3, the minimum A
VD is 2.83; use AVD =3.
Since the desired input impedance was 20 k
Ω, and with a
A
VD impedance of 2, a ratio of 1.5:1 of Rf to Ri results in an
allocation of R
i =20kΩ and Rf =30kΩ. The final design step
is to address the bandwidth requirements which must be
stated as a pair of −3 dB frequency points. Five times away
from a −3 dB point is 0.17 dB down from passband response
which is better than the required ±0.25 dB specified.
f
L = 100 Hz/5 = 20 Hz
f
H =20kHz*5=100 kHz
As stated in the External Components section, R
i in con-
junction with C
i create a highpass filter.
C
i ≥ 1/(2π*20 kΩ*20 Hz) = 0.397 µF; use 0.39 µF
The high frequency pole is determined by the product of the
desired frequency pole, f
H, and the differential gain, AVD.
With a A
VD = 3 and fH = 100 kHz, the resulting GBWP =
150 kHz which is much smaller than the LM4872 GBWP of
4 MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4872 can still be used without running into bandwidth limi-
tations.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com