Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4872IBPX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4872IBPX
Description  1 Watt Audio Power Amplifier in micro SMD package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4872IBPX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4872IBPX Datasheet HTML 6Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 7Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 8Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 9Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 10Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 11Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 12Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 13Page - National Semiconductor (TI) LM4872IBPX Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Information (Continued)
HIGHER GAIN AUDIO AMPLIFIER
The LM4872 is unity-gain stable and requires no external
components besides gain-setting resistors, an input coupling
capacitor, and proper supply bypassing in the typical appli-
cation. However, if a closed-loop differential gain of greater
than 10 is required, a feedback capacitor may be needed as
shown in Figure 2 to bandwidth limit the amplifier. This feed-
back capacitor creates a low pass filter that eliminates
possible high frequency oscillations. Care should be taken
when calculating the -3dB frequency in that an incorrect
combination of R
3 and C4 will cause rolloff before 20kHz. A
typical combination of feedback resistor and capacitor that
will not produce audio band high frequency rolloff is R
3 =
20k
Ω and C
4 = 25pf. These components result in a -3dB
point of approximately 320 kHz. It is not recommended that
the feedback resistor and capacitor be used to implement a
band limiting filter below 100kHZ.
DS101230-24
Figure 2
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com