Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q68000A8564 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # Q68000A8564
Description  Alphanumeric Intelligent Display Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q68000A8564 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button Q68000A8564 Datasheet HTML 5Page - OSRAM GmbH Q68000A8564 Datasheet HTML 6Page - OSRAM GmbH Q68000A8564 Datasheet HTML 7Page - OSRAM GmbH Q68000A8564 Datasheet HTML 8Page - OSRAM GmbH Q68000A8564 Datasheet HTML 9Page - OSRAM GmbH Q68000A8564 Datasheet HTML 10Page - OSRAM GmbH Q68000A8564 Datasheet HTML 11Page - OSRAM GmbH Q68000A8564 Datasheet HTML 12Page - OSRAM GmbH Q68000A8564 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
2006-01-23
9
Block Diagram
Functional Description
The display's user interface is organized into five memory
areas. They are accessed using the Flash Input, FL, and
address lines, A3 and A4. All the listed RAMs and Regis-
ters may be read or written through the data bus. See
Table „Memory Selection“. Each input pin is described in
Pin Definitions.
RST can be used to initialize display operation upon
power up or during normal operation. When activated,
RST will clear the Flash RAM and Control Word Register
(00H) and reset the internal counter. All eight display
memory locations will be set to 20H to show blanks in all
digits.
FL pin enables access to the Flash RAM. The Flash
RAM will set (D0=1) or reset (D0=0) flashing of the char-
acter addressed by A0–A2.
The 1 x 8 bit Control Word Register is loaded with
attribute data if A3=0.
The Control Word Logic decodes attribute data for
proper implementation.
Character ROM is designed for 128 ASCII characters.
The ROM is Mask Programmable for custom fonts.
The Clock Source could either be the internal oscillator
(CLKSEL=1) of the device or an external clock
(CLKSEL=0) could be an input from another HDSP211X
display for the synchronization of blinking for multiple dis-
plays.
The Display Multiplexer controls the Row Drivers so no
additional logic is required for a display system.
The Display has eight digits. Each digit has 35 LEDs
clustered into a 5 x 7 dot matrix.
IDBD5064
OSC
32
Counter
Counter
7
8 Digit Display
Drivers
Counter
128
Counter
3
Decode
RAM
Character
Character
RAM
D Latch
Holding
Register
Decode
Word
ROM
for Display
Decode
Character
(Read/Write)
Character
Decode
Register
Address
UDC
Bus
Row
ROM
4
64
4
RAM
16
16
UDC
Column
Latch
5
25
5
and
Controls
Cursor
Display
MUX
25
Word
Register
Control
Test
Self
Flash
RAM
Drivers
Column
Data
Five Basic Memory Areas
Character RAM
Stores either ASCII (Katakana)
character data or an UDC RAM
address
Flash RAM
1 x 8 RAM which stores Flash data
User-Defined
Character RAM
(UDC RAM)
Stores dot pattern for custom
characters
User-Defined Address
Register (UDC Address
Register)
Provides address to UDC RAM
when user is writing or reading
custom character
Control Word
Register
Enables adjustment of display
brightness, flash individual
characters, blink, self test or clearing
the display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com