Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q68000A8564 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # Q68000A8564
Description  Alphanumeric Intelligent Display Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q68000A8564 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button Q68000A8564 Datasheet HTML 8Page - OSRAM GmbH Q68000A8564 Datasheet HTML 9Page - OSRAM GmbH Q68000A8564 Datasheet HTML 10Page - OSRAM GmbH Q68000A8564 Datasheet HTML 11Page - OSRAM GmbH Q68000A8564 Datasheet HTML 12Page - OSRAM GmbH Q68000A8564 Datasheet HTML 13Page - OSRAM GmbH Q68000A8564 Datasheet HTML 14Page - OSRAM GmbH Q68000A8564 Datasheet HTML 15Page - OSRAM GmbH Q68000A8564 Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
2006-01-23
12
Blink Function
Control Word bit, D4, enables or disables the Blink Function. When
D4 is 1, the Blink Function is enabled and all characters on the dis-
play will blink at approximately 2.0 Hz. The Blink Function will over-
ride the Flash Function if both functions are enabled. When D4 is 0,
the Blink Function is disabled. When using an external clock, the
blink rate can be determined by dividing the clock rate by 28,672.
For synchronized blinking on multiple displays, see the Reset Sec-
tion.
Self Test
Before starting Self Test, Reset must first be activated. Control
Word bits, D6 and D5, are used for the Self Test Function. When
D6 is 1, the Self Test is initiated. Results of the Self Test are stored
in bits D5. Control Word bit, D5, is a read only bit. When D5 is 1,
Self Test passed is indicated. When D5 is 0, Self Test failed is indi-
cated. The Self Test function of the IC consists of two internal rou-
tines which exercise major portions of the IC and illuminates all of
the LEDs. The first routine cycles the ASCII decoder ROM through
all states and performs a check sum on the output. If the check
sum agrees with the correct value, D5 is set to a 1.
The second routine provides a visual test of the LEDs using the
drive circuitry. This is accomplished by writing checkered and
inverse checkered patterns to the display. Each pattern is dis-
played for approximately 2.0 seconds. During the self test function
the display must not be accessed. The time needed to execute the
self test function is calculated by multiplying the clock time by
262,144 (typical time = 4.6 sec.). At the end of the self test func-
tion, the Character RAM is loaded with blanks; the Control Word
Register is set to zeroes except D5, and the Flash RAM is cleared
and the UDC Address Register is set to all 1.0 s.
Clear Function (see Table „Clear Function“ (page 13) and Figure
„Control Word Data Definition“ (page 13))
Control Word bit, D7 clears the character RAM to 20 hex and the
flash RAM to all zeroes. The RAMs are cleared within three clock
cycles (110 µs minimum, using the internal clock) when D7 is set
to 1. During the clear time the display must not be accessed.
When the clear function is finished, bit 7 of the
Control Word RAM will be reset to a “0”.
Reset Function
The display should be reset on power up of the display
(RST=LOW). When the display is reset, the Character RAM, Flash
RAM, and Control Word Register are cleared.
The display's internal counters are reset. Reset cycle takes three
clock cycles (110 µseconds minimum using the internal clock).The
display must not be accessed during this time.
To synchronize the flashing and blinking of multiple displays, it is
necessary for the display to use a common clock source and reset
all the displays at the same time to start the internal counters at
the same place.
While RST is low, the display must not be accessed by RD nor
WR.
UDC Character Map
Row Data
A2
A1
A0
Row #
Column Data
C1
C2
C3
C4
C5
D4
D3
D2
D1
D0
00
0
1
5 x 7
Dot Matrix
Pattern
00
1
2
01
0
3
01
1
4
10
0
5
10
1
6
11
0
7
Flash RAM Access Logic
RST
CE
WR
RD
FL
A4
A3
A2
A1
A0
D7 D6 D5 D4 D3 D2 D1 D0
1
0
0
1
0
X
X
Flash RAM Address
for Digits 0–7
D0=Flash Data, 0-Flash Off and 1=Flash On (Write Cycle)
1
0
1
0
0
X
X
Flash RAM Address
for Digits 0–7
D0=Flash Data, 0-Flash Off and 1=Flash On (Read Cycle)
Control Word Access Logic
RST
CE
WR
RD
FL
A4
A3
A2
A1
A0
D7 D6 D5 D4 D3 D2 D1 D0
1
0
0
1
1
1
0
Not used for Control Word
Control Word data for a Write Cycle,
see Figure „Control Word Data Definition“ (page 13)
1
0
1
0
1
1
0
Not used for Control Word
Control Word data for a Read during a Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com