Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU28121G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UU28121G-AF5-R
Description  CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU28121G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UU28121G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UU28121G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UU28121G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UU28121G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UU28121G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UU28121G-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UU28121
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R135-001.C
1.2MHz, HIGH VOLTAGE,
BOOST CONVERTER
DESCRIPTION
The UTC UU28121 is a current mode step up converter
intended for small, low power applications.
The converter input voltage ranging from 2.5V to 5.5V. The
Output voltage can be set up to 28V. The frequency is 1.2MHz
allows the use of small external inductors and capacitors and
provides fast transient response. Internal soft start results in small
inrush current and extends battery life. Internal power MOSFET
with very low RDS (ON) provides high efficiency. The UTC
UU28121
automatically transits from PWM to PFM during light load
condition further increasing efficiency. The converter also provides
protection functions such as under-voltage lockout, current limit
and thermal shutdown.
FEATURES
* 2.5V~5.5V operating input voltage range
* 1.2MHz Fixed Switching Frequency
* Adjustable output voltage range up to 28V
* Internal 1.2A switching current limit
* Internal Soft-start Function
* Current limit and Thermal shutdown protection
* Under voltage Lockout
ORDERING INFORMATION
Ordering Number
Package
Packing
UU28121G-AF5-R
SOT-25
Tape Reel
MARKING


Similar Part No. - UU28121G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU28141G-AG6-R UTC-UU28141G-AG6-R Datasheet
175Kb / 5P
CMOS IC
More results

Similar Description - UU28121G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com