Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD243X Datasheet(PDF) 10 Page - OSRAM GmbH

Part # PD243X
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD243X Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button PD243X Datasheet HTML 6Page - OSRAM GmbH PD243X Datasheet HTML 7Page - OSRAM GmbH PD243X Datasheet HTML 8Page - OSRAM GmbH PD243X Datasheet HTML 9Page - OSRAM GmbH PD243X Datasheet HTML 10Page - OSRAM GmbH PD243X Datasheet HTML 11Page - OSRAM GmbH PD243X Datasheet HTML 12Page - OSRAM GmbH PD243X Datasheet HTML 13Page - OSRAM GmbH PD243X Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PD243X, PD353X, PD443X
2006-01-23
10
Attributes are non-destructive. If a character with bit D7 set is
replaced by a cursor (Control Word bit D4 is set, and D3=D2=0)
the character will remain in memory and can be revealed again by
clearing D4 in the Control Word.
Blink (D5): The entire display can be caused to blink at a rate of
approximately 2.0 Hz by setting bit D5 in the Control Word. This blink-
ing is independent of the state of D7 in all character locations.
To synchronize the blink rate in a bank of these devices, it is nec-
essary to tie all devices' clocks and resets together as described in
a later section of this data sheet.
Lamp Test (D6): When the Lamp Test bit is set, all dots in the
entire display are lit at half brightness. When this bit is cleared, the
display returns to the characters that were showing before the
lamp test.
Clear Data (D7): When D7 is set (D7=1) in the Control Word, all (dis-
play) memory bits are reset to zero and the display goes blank.
A second control word must be written into the chip with D7 reset
(D7=0) to set up attributes and brightness levels.
The SMC-4740 oscillator is designed to drive up to 16 displays
with input loading of 15 pF each.
The general requirements for cascading 16 displays are:
1.Determine the correct address for each display.
2.Tie CE0 to ground and use CE1 from an address.
3.Select one of the displays to provide the clock for the
other displays.
4.Tie CLKSEL to ground on other displays.
5.Use RST to synchronize the blinking between the displays.
Cascading Diagram
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
0
0
X
X
B
B
Disable high-
light attribute
0
0
0
1
0
0
B
B
Display cursor*
instead of
character
0
0
0
1
0
1
B
B
Blink single
character
0
0
0
1
1
0
B
B
Display blink-
ing cursor*
instead of char-
acter
0
0
0
1
1
1
B
B
Alternate char-
acter with cur-
sor*
*“Cursor”= all dots in a single character space lit to half brightness
X=Don't care
B=Depends on the selected brightness.
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
1
X
X
X
B
B
Blinking display
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
1
0
X
X
X
X
X
Lamp test
D7
D6
D5
D4
D3
D2
D1
D0
Operation
1
0
X
X
X
X
X
X
Clear
IDCD5032
WR
RD
RST CLK CLK
Programmable Display
CC
V
D0-D7 A0-A2
CE0
CE1
14 more displays
in between
I/O
SEL
CE0
Programmable Display
D0-D7
WR
A0-A2
RD
RST
CE1
SEL
CLK
CLK
I/O
Data I/O
Address
Decoder
Address
Address Decode Chip 1 to 14
A4
A5
A6
WR
RD
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com