Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD243X Datasheet(PDF) 3 Page - OSRAM GmbH

Part # PD243X
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD243X Datasheet(HTML) 3 Page - OSRAM GmbH

  PD243X Datasheet HTML 1Page - OSRAM GmbH PD243X Datasheet HTML 2Page - OSRAM GmbH PD243X Datasheet HTML 3Page - OSRAM GmbH PD243X Datasheet HTML 4Page - OSRAM GmbH PD243X Datasheet HTML 5Page - OSRAM GmbH PD243X Datasheet HTML 6Page - OSRAM GmbH PD243X Datasheet HTML 7Page - OSRAM GmbH PD243X Datasheet HTML 8Page - OSRAM GmbH PD243X Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PD243X, PD353X, PD443X
2006-01-23
3
Maximum Ratings
Parameter
Symbol
Values
Unit
Operating temperature range
T
op
– 40 … + 85
–40…+70
°C
Storage temperature range
T
stg
– 40 … +100
°C
Viewing angle (off normal axis
)
hor. (typ.)
ver. (typ.)
2
ϕ
±
55
±
65
±
55
± 6
5
±
40
± 6
5
deg
deg.
DC Supply Voltage
-0.5 to + 7.0
Vdc
Input Voltage Relative to GND (all inputs)
-0.5 to V
CC +0.5
Vdc
Solder temperature
1.59 mm (0.063“) below seating plane, t < 5.0 s
T
s
260
°C
Characteristics
(
T
A = 25 °C)
Parameter
Symbol
Values
Unit
high
efficiency
red
red
green
Wavelength at peak emission
(typ.)
I
F = 50 mA
λ
peak
630
660
565
nm
Character Height
h
0.145
3.7
0.145
3.7
0.145
3.7
inch
mm
Time averaged luminous intensity
1)
(min.)
90
30
90
µcd/LED
LED to LED intensity matching
(max.)
1.8:1.0
1.8:1.0
1.8:1.0
Device to Device (one bin)
(max.)
1.5:1.0
1.5:1.0
1.5:1.0
Bin to Bin (adjacent bins)
(max.)
1.9:1.0
1.9:1.0
1.9:1.0
1) Peak luminous intensity values can be calculated by multiplying these values by 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com