Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD353X Datasheet(PDF) 9 Page - OSRAM GmbH

Part # PD353X
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD353X Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button PD353X Datasheet HTML 5Page - OSRAM GmbH PD353X Datasheet HTML 6Page - OSRAM GmbH PD353X Datasheet HTML 7Page - OSRAM GmbH PD353X Datasheet HTML 8Page - OSRAM GmbH PD353X Datasheet HTML 9Page - OSRAM GmbH PD353X Datasheet HTML 10Page - OSRAM GmbH PD353X Datasheet HTML 11Page - OSRAM GmbH PD353X Datasheet HTML 12Page - OSRAM GmbH PD353X Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PD243X, PD353X, PD443X
2006-01-23
9
There are five registers within the display. Four of these registers
are used to hold the ASCII/attribute code of the four display char-
acters. The fifth register is the Control Word, which is used to blink,
blank, clear, or dim the entire display, or to change the presenta-
tion (attributes) of individual characters.
Adressing
The addresses within the display device are shown below. Digit 0
is the rightmost digit of the display, while digit 3 is on the left.
Although there is only one Control Word, it is duplicated at the four
address locations 0–3. Data can be read from any of these loca-
tions. When one of these locations is written to, all of them will
change together.
Bit D7 of any of the display digit locations is used to allow an at-
tribute to be assigned to that digit. The attributes are discussed in
the next section. If Bit D7 is set to a one, that character will be dis-
played using the attribute. If bit D7 is cleared, the character will dis-
play normally.
Control Word
When address bit A2 is taken low, the Control Word is accessed.
The same Control Word appears in all four of the lower address
spaces of the display. Through the Control Word, the display can
be cleared, the lamps can be tested, display brightness can be
selected, and attributes can be set for any characters which have
been loaded with their most significant bit (D7) set high.
Brightness (D0, D1): The state of the lower two bits of the Control
Word are used to set the brightness of the entire display, from 0%
to 100%. The table below shows the correspondence of these bits
to the brightness.
Attributes (D2–D4): Bits D2, D3, and D4 control the visual
attributes (i.e., blinking) of those display digits which have been
written with bit D7 set high. In order to use any of the four
attributes, the Cursor Enable bit (D4 in the Control Word) must be
set. When the Cursor Enable bit is set, and bit D7 in a character
location is set, the character will take on one of the following dis-
play attributes.
Control Word Format
Address
Contents
A2
A1
A0
0
X
X
Control Word
1
0
0
Digit 0 (rightmost)
1
0
1
Digit 1
1
1
0
Digit 2
1
1
1
Digit 3 (leftmost)
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
X
X
X
X
0
0
Blank
0
0
X
X
X
X
0
1
25% brightness
0
0
X
X
X
X
1
0
50% brightness
0
0
X
X
X
X
1
1
Full brightness
X=don't care
IDCW5163
Enable
Attribute
Blink
Test
Lamp
Clear
Attributes
Brightness
D7
D6
D5
D4
D3
D2
D1
D0
D1 D0 Brightness
0% (blank)
00
25%
01
1
50%
0
1
100%
1
Attributes
Display cursor instead
1
0
0
D3
0
Display blinking cursor
of character
Blink character
0
1
D2
instead of character
1
with cursor
Alternate character
1
Disable above attributes
Attribute Enable
D4
0
Enable above attributes
1
Blink entire display
Blink attribute disabled
Blink
D5
1
0
Standard operation
1
D6
0
Display all dots at 50% brightness
Lamp Test
Clear entire display
Standard operation
0
1
Clear
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com