Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD353X Datasheet(PDF) 12 Page - OSRAM GmbH

Part # PD353X
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD353X Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button PD353X Datasheet HTML 6Page - OSRAM GmbH PD353X Datasheet HTML 7Page - OSRAM GmbH PD353X Datasheet HTML 8Page - OSRAM GmbH PD353X Datasheet HTML 9Page - OSRAM GmbH PD353X Datasheet HTML 10Page - OSRAM GmbH PD353X Datasheet HTML 11Page - OSRAM GmbH PD353X Datasheet HTML 12Page - OSRAM GmbH PD353X Datasheet HTML 13Page - OSRAM GmbH PD353X Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PD243X, PD353X, PD443X
2006-01-23
12
Electrical and Mechanical Considerations
The CMOS IC of the display is designed to provide resistance to
both Electrostatic Discharge Damage and Latch Up due to voltage
or current surges. Several precautions are strongly recommended
to avoid overstressing these built-in safeguards.
ESD Protection
Display users should be careful to handle the devices consistent
with Standard ESD protection procedures. Operators should wear
appropriate wrist, ankle or feet ground straps and avoid clothing
that collects static charges. Work surfaces, tools and transport car-
riers that come into contact with unshielded devices or assemblies
should also be appropriately grounded.
Latch up Protection
Latch up is a condition that occurs in CMOS ICs after the input
protection diodes have been broken down. These diodes can be
reversed through several means:
V
IN < GND, VIN > VCC + 0.5 V, or through excessive currents forced
on the inputs. When these situations exist, the IC may develop the
response of an SCR and begin conducting as much as one amp
through the V
CC pin. This destructive condition will persist (latched)
until device failure or the device is turned off.
The Voltage Transient Suppression Techniques and buffer inter-
faces for longer cable runs help considerably to prevent latch con-
ditions from occurring. Additionally, the following Power Up and
Power Down sequence should be observed.
Power up Sequence
1. Float all active signals by tri-stating inputs to displays.
2. Apply V
CC and GND to the display.
3. Apply active signals to the displays by enabling all input
signals per application.
Power Down Sequence
1.Float all active signals by tri-stating the inputs to the display.
2.Turn off the power to the display.
Soldering Considerations
These displays can be hand soldered with SN63 solder using a
grounded iron set to 260°C.
Wave soldering is also possible following these conditions: Pre-
heat that does not exceed 93°C on the solder side of the PC board
or a package surface temperature of 85°C. Water soluble organic
acid flux (except carboxylic acid) or rosin-based RMA flux without
alcohol can be used.
Wave temperature is 245°C ±5°C with a dwell between 1.5 sec to
3.0 sec. Exposure to the wave should not exceed temperatures
above 260°C, for 5 sec at 1.59 mm (0.063") below the seating
plane. The packages should not be immersed in the wave.
Voltage Transient Suppression
It has become common practice to provide 0.01 µF bypass capac-
itors liberally in digital systems. Like other CMOS circuitry, the
Intelligent Display controller chip has very low power consumption
and the usual 0.01 µF would be adequate were it not for the
LEDs. To prevent power supply transients, capacitors with low
inductance and high capacitance at high frequencies are
required. This suggests a solid tantalum or ceramic disc for high
frequency bypass. For multiple display module systems distribute
the bypass capacitors evenly, keeping capacitors as close to the
power pins as possible. Use a 0.01 µF capacitor for each display
module and a 22 µF for every third display module.
Notes:
1. A2 must be held high for ASCII data.
2. Bit D7=1 enables attributes for the assigned digit.
Character Set
IDCS5087
ASCII
CODE
D0
D1
D2
D3
HEX
D4
D5
D6
000
0
1
1
0
0
2
01 0
3
01
1
4
10
0
5
10
1
6
11 0
7
111
0
0
0
0
0
1
0
0
1
0
2
0
0
0
1
3
0
0
1
1
4
0
1
0
0
5
0
1
1
0
6
0
1
0
1
7
0
1
1
1
8
1
0
0
0
9
1
0
1
0
A
1
0
0
1
B
1
0
1
1
C
1
1
0
0
D
1
1
1
0
E
1
1
0
1
F
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com