Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD2435 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # PD2435
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD2435 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button PD2435 Datasheet HTML 3Page - OSRAM GmbH PD2435 Datasheet HTML 4Page - OSRAM GmbH PD2435 Datasheet HTML 5Page - OSRAM GmbH PD2435 Datasheet HTML 6Page - OSRAM GmbH PD2435 Datasheet HTML 7Page - OSRAM GmbH PD2435 Datasheet HTML 8Page - OSRAM GmbH PD2435 Datasheet HTML 9Page - OSRAM GmbH PD2435 Datasheet HTML 10Page - OSRAM GmbH PD2435 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PD243X, PD353X, PD443X
2006-01-23
7
DC Characteristics at 25°C
Parameter
Limits
Conditions
Min.
Typ.
Max.
Units
V
CC
4.5
5.0
5.5
Volts
Nominal
I
CC (Blank)
2.5
3.5
mA
V
CC=5.0 V, A2 = 1, all other inputs low.
I
CC 80 LEDs/unit (100% Bright)
PD243X
PD353X
PD443X
115
145
150
130
165
170
mA
mA
mA
V
CC=5.0 V
V
CC=5.0 V
V
CC=5.0 V
V
IL
0.8
Volts
V
CC=4.5 V to 5.5 V
V
IH
2.0
Volts
V
CC=4.5 V to 5.5 V
I
IL (except D0 to D7)
(1)
25
100
µA
V
CC=4.5 V to 5.5 V, VIN =0.8 V
V
OL
0.4
Volts
V
CC=4.5 V to 5.5 V
V
OH
2.4
Volts
V
CC=4.5 V to 5.5 V
I
OH
–8.9
mA
V
CC=4.5 V, VOH=2.4 V
I
OL
1.6
mA
V
CC=4.5 V, VOL=0.4 V
Data I/O Bus Loading
100
pF
Clock I/O Bus Loading
240
pF
1)
D0 to D7 have no pull-up resistors so current is negligible.
Pin Assignments and Definitions
Pin
Function
Definition
Pin
Function
Definition
1
RD
Active low, will enable a processor to read all
registers in the display.
11
WR
Write. Active low. If the device is selected, a
low on the write input loads the data into mem-
ory.
2
CLK I/O
If CLK SEL (pin 3) is low, then expect an exter-
nal clock source into this pin. If CLK SEL is
high, then this pin will be the master or source
into this pin. If CLK SEL is high, then this pin
will be the master or source for all other
devices which have CLK SEL low.
12
D7
Data Bus bit 7 (MSB).
3
CLKSEL
CLOCK SELECT determines the action of pin
2. CLK I/O, see the section on Cascading for
an example.
13
D6
Data Bus bit 6.
4
RST
Reset. Used to synchronize blinking. Will not
clear the display. The reset pulse should be
less than 1 ms
14
D5
Data Bus bit 5.
5
CE1
Chip enable (active high).
15
D4
Data Bus bit 4.
6
CE0
Chip enable (active low).
16
D3
Data Bus bit 3.
7
A2
Address input (MSB).
17
D2
Data Bus bit 2.
8
A1
Address input.
18
D1
Data Bus bit 1.
9
A0
Address input (LSB).
19
D0
Data Bus bit 0 (LSB).
10
GND
Ground.
20
V
CC
Positive power pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com