Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD2435 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PD2435
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD2435 Datasheet(HTML) 1 Page - OSRAM GmbH

  PD2435 Datasheet HTML 1Page - OSRAM GmbH PD2435 Datasheet HTML 2Page - OSRAM GmbH PD2435 Datasheet HTML 3Page - OSRAM GmbH PD2435 Datasheet HTML 4Page - OSRAM GmbH PD2435 Datasheet HTML 5Page - OSRAM GmbH PD2435 Datasheet HTML 6Page - OSRAM GmbH PD2435 Datasheet HTML 7Page - OSRAM GmbH PD2435 Datasheet HTML 8Page - OSRAM GmbH PD2435 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
4-Character 5 x 7 Dot Matrix
Alphanumeric Programmable Display
TM with Built-in CMOS Control Functions
Lead (Pb) Free Product - RoHS Compliant
2006-01-23
1
PD243X, PD353X, PD443X
PD243X
PD353X
PD443X
DESCRIPTION
These Programmable Displays are four digit display sys-
tem modules. The characters are
5.08 mm by 3.56 mm (0.20" by 0.14") (PD243X),
6.86 mm by 5.08 mm (0.27" by 0.20") (PD353X), and
11.43 mm by 6.86 mm (0.45" by 0.27") (PD443X)
5 x 7 dot matrix arrays constructed with the latest solid
state technology in light emitting diodes. Driving and
controlling the LED arrays is a silicon gate CMOS inte-
grated circuit. This integrated circuit provides all neces-
sary LED drivers and complete multiplexing control
logic.
Additionally, the IC has the necessary ROM to decode
128 ASCII alphanumeric characters and enough RAM to
store the display’s complete four digit ASCII message
with special attributes. These attributes, all software pro-
grammable at the user’s discretion, include a lamp test,
brightness control, displaying cursors, alternating cursors
and characters, and flashing cursors or characters.
The CMOS IC also incorporates special interface control
circuitry to allow the user to control the module as a fully
supported microprocessor peripheral. The module, under
internal or external clock control, has asynchronous
read, write, and memory clear over an eight bit parallel,
TTL compatible, bi-directional data bus. Each module is
fully encapsulated within a package
25.4 x 17.8 x 5.08 mm (1.0" x 0.7" x 0.2") (PD253X),
35.6 x 18.3 x 7.24 mm (1.4" x 0.72" x 0.285") (PD353X),
and
38.1 x 20.8 x 7.24 mm (1.5" x 0.82" x 0.285") (PD443X).
The standard 20 pin DIP construction with two rows
spaced at 15.2 mm (0.6") on 2.54 mm (0.1") centers is
wave solderable.
See the end of this data sheet or refer to Appnotes 18, 19,
22, and 23 for further details on handling and assembling
OSRAM Programmable Displays.
FEATURES
Four Dot Matrix Characters in High Efficiency Red,
Red, and Bright Green
- PD2435/6/7, 5.08 mm (0.200") High
- PD3535/6/7, 6.86 mm (0.270") High
- PD4435/6/7, 11.43 mm (0.45") High
Built-in Memory, Decoders, Multiplexer and Drivers
Wide Viewing Angle, X Axis ± 55°, Y Axis ± 65°
Categorized for Luminous Intensity
128 Character ASCII Format (Upper and Lower Case
Characters)
8 Bit Bidirectional Data BUS
READ/WRITE Capability
Dual In-Line Package Configuration, 15.2 mm (0.600")
Wide,
2.54 mm (0.100") Pin Centers
End-Stackable Package
Internal or External Clock
Built-in Character Generator ROM
TTL Compatible
Easily Cascaded for Multidisplay Operation
Less CPU Time Required
Software Controlled Features:
- Programmable Highlight Attribute (Blinking,
Non-Blinking)
- Asynchronous Memory Clear Function
- Lamp Test
- Display Blank Function
- Single or Multiple Character Blinking Function
- Programmable Intensity (Three Brightness Levels)
Extended Operating Temperature Range:
PD243X, PD353X: –40°C to +85°C
PD443X: –40°C to +70°C


Similar Part No. - PD2435

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PD2435 OSRAM-PD2435 Datasheet
212Kb / 11P
4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
More results

Similar Description - PD2435

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com