Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDQ5543P Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SCDQ5543P
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5543P Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SCDQ5543P Datasheet HTML 4Page - OSRAM GmbH SCDQ5543P Datasheet HTML 5Page - OSRAM GmbH SCDQ5543P Datasheet HTML 6Page - OSRAM GmbH SCDQ5543P Datasheet HTML 7Page - OSRAM GmbH SCDQ5543P Datasheet HTML 8Page - OSRAM GmbH SCDQ5543P Datasheet HTML 9Page - OSRAM GmbH SCDQ5543P Datasheet HTML 10Page - OSRAM GmbH SCDQ5543P Datasheet HTML 11Page - OSRAM GmbH SCDQ5543P Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2010-04-13
8
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
SCDQ Block Diagram
The following explains how to format the serial data to be loaded into the display. The user supplies a string of bit mapped decoded char-
acters. The contents of this string is shown in Figure „Loading Serial Character Data A“ (page 8). Figure „Loading Serial Character
Data B“ (page 8) shows that each character consists of six 8 bit words. The first word encodes the display character location and the suc-
ceeding five bytes are row data. The row data represents the status (On, Off) of individual column LEDs. Figure „Loading Serial Character
Data C“ (page 8) shows that each 8 bit word is formatted to include a three bit Operational Code (OPCODE) defined by bits D7–D5 and
five bits (D4–D0) representing Column Data, Character Address, or Control Word Data.
Figure „Loading Serial Character Data D“ (page 8) shows the sequence for loading the bytes of data. Bringing the LOAD line low enables
the serial register to accept data. The shift action occurs on the low to high transition of the serial data clock (SDCLK). The least significant
bit (D0) is loaded first. After eight clock pulses the LOAD line is brought high. With this transition the OPCODE is decoded. The decoded
OPCODE directs D4–D0 to be latched in the Character Address register, stored in the RAM as Column data, or latched in the Control
Word register. The control IC requires a minimum 600 ns delay between successive byte loads.
Loading Serial Character Data
IDBD5061
&
3
5
3
Display Multiplexer
20 x 5 bit
Dual Port Ram
Power Down
Brightness
Lamp Test
Column Logic
& Driver
20
& Driver
Row Decoder
5
4 - 5 x 5
Characters
Oscillator
& Timing
Counter Chain
LOAD
SDATA
SDCLK
20
IDTC5043
D0
0
Character
0
D1
0
D2
0
D3
0
D4
Address
Opcode
D5
D7
1
0
D6
1
TBL
600 ns
min.
Column Data
C4
D0
C3
D1
C2
D2
D4
C0
C1
D3
Opcode
D5
0
D6
0
0
D7
min.
600 ns
TBL
D
Character
Address 0
Row 0
Column Data
Row 1
Column Data
Row 2
Column Data
Row 3
Column Data
Row 4
Column Data
C
B
C
A
Character 0
Character 1
Character 2
Character 3
B
LOAD
SDCLK
DATA
D0
D1
D2
D3
D4
D5
D6
D7
TBL
DD
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com