Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDQ5543P Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SCDQ5543P
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5543P Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SCDQ5543P Datasheet HTML 2Page - OSRAM GmbH SCDQ5543P Datasheet HTML 3Page - OSRAM GmbH SCDQ5543P Datasheet HTML 4Page - OSRAM GmbH SCDQ5543P Datasheet HTML 5Page - OSRAM GmbH SCDQ5543P Datasheet HTML 6Page - OSRAM GmbH SCDQ5543P Datasheet HTML 7Page - OSRAM GmbH SCDQ5543P Datasheet HTML 8Page - OSRAM GmbH SCDQ5543P Datasheet HTML 9Page - OSRAM GmbH SCDQ5543P Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2010-04-13
6
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
Close Up of Data “Write” Cycle
Device Timing
Write Cycle Timing
(over operating temperature range, V
CC=VLL=4.5 V to 5.5 V)
Symbol
Description
Min.
Max.
Units
T
LDS
Load Setup Time
50
—
ns
T
DS
Data Setup Time
50
—
ns
T
SDCLK
Clock Period
200
—
ns
T
SDCW
(HI or LOW)
Clock Width
70
—
ns
T
LDH
Load Hold Time
0
—
ns
T
DH
Data Hold Time
25
—
ns
T
WR
Total Write Time
2.25
—
µs
T
BL
Time Between Writes
600
—
ns
T
RST
Reset Active Time
600
—
ns
Notes:
1.
T
WR=Setup Time + 8 Clock Times + Hold Times + Time Between Writes.
2.
Data is shifted into the display’s 8 bit shift register on the positive going edge of the SDCLK.
3.
Shift register data is evaluated when Load goes high.
LOAD
LOAD
DATA
DATA
SDCLK
SDCLK
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D0
BL
T
WR
T
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com